Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8573AV Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8573AV
Description  Real Time Clock (RTC)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8573AV Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP8573AV Datasheet HTML 1Page - National Semiconductor (TI) DP8573AV Datasheet HTML 2Page - National Semiconductor (TI) DP8573AV Datasheet HTML 3Page - National Semiconductor (TI) DP8573AV Datasheet HTML 4Page - National Semiconductor (TI) DP8573AV Datasheet HTML 5Page - National Semiconductor (TI) DP8573AV Datasheet HTML 6Page - National Semiconductor (TI) DP8573AV Datasheet HTML 7Page - National Semiconductor (TI) DP8573AV Datasheet HTML 8Page - National Semiconductor (TI) DP8573AV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Timing Waveforms
Read Timing Diagram
TLF9981 – 3
Write Timing Diagram
TLF9981 – 4
Pin Description
CS RD WR (Inputs)
These pins interface to mP control
lines The CS pin is an active low enable for the read and
write operations Read and Write pins are also active low
and enable reading or writing to the RTC All three pins are
disabled when power failure is detected However if a read
or write is in progress at this time it will be allowed to com-
plete its cycle
A0 – A4 (Inputs)
These 5 pins are for register selection
They individually control which location is to be accessed
These inputs are disabled when power failure is detected
OSC IN (Input) OSC OUT (Output)
These two pins are
used to connect the crystal to the internal parallel resonant
oscillator The oscillator is always running when power is
applied to VBB and VCC
MFO (Output)
The multi-function output can be used as a
second interrupt (Power fail) output for interrupting the mP
This pin can also provide an output for the oscillator The
MFO output is configured as push-pull active high for nor-
mal or single power supply operation and as an open drain
during standby mode (VBB l VCC) If in battery backed
mode and a pull-up resistor is attached it should be con-
nected to a voltage no greater than VBB
INTR (Output)
The interrupt output is used to interrupt the
processor when a timing event or power fail has occurred
and the respective interrupt has been enabled The INTR
output is permanently configured active low open drain If in
battery backed mode and a pull-up resistor is attached it
should be connected to a voltage no greater than VBB The
output is a DC voltage level To clear the INTR writea1to
the appropriate bit(s) in the Main Status Register
D0 – D7 (InputOutput)
These 8 bidirectional pins connect
to the host mP’s data bus and are used to read from and
write to the RTC When the PFAIL pin goes low and a write
is not in progress these pins are at TRI-STATE
PFAIL (Input)
In battery backed mode this pin can have a
digital signal applied to it via some external power detection
logic When PFAIL e logic 0 the RTC goes into a lockout
mode in a minimum of 30 ms or a maximum of 63 ms unless
lockout delay is programmed In the single power supply
mode this pin is not useable as an input and should be tied
to VCC Refer to section on Power Fail Functional Descrip-
tion
VBB (Battery Power Pin) This pin is connected to a back-
up power supply This power supply is switched to the inter-
nal circuitry when the VCC becomes lower than VBB Utiliz-
ing this pin eliminates the need for external logic to switch in
and out the back-up power supply If this feature is not to be
used then this pin must be tied to ground the RTC pro-
grammed for single power supply only and power applied to
the VCC pin
VCC This is the main system power pin
GND
This is the common ground power pin for both VBB
and VCC
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com