Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8573AV Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8573AV
Description  Real Time Clock (RTC)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8573AV Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP8573AV Datasheet HTML 8Page - National Semiconductor (TI) DP8573AV Datasheet HTML 9Page - National Semiconductor (TI) DP8573AV Datasheet HTML 10Page - National Semiconductor (TI) DP8573AV Datasheet HTML 11Page - National Semiconductor (TI) DP8573AV Datasheet HTML 12Page - National Semiconductor (TI) DP8573AV Datasheet HTML 13Page - National Semiconductor (TI) DP8573AV Datasheet HTML 14Page - National Semiconductor (TI) DP8573AV Datasheet HTML 15Page - National Semiconductor (TI) DP8573AV Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Functional Description (Continued)
D0 – D1
These are the leap year counter bits These bits are
written to set the number of years from the previous leap
year The leap year counter increments on December 31st
and it internally enables the February 29th counter state
This method of setting the leap year allows leap year to
occur whenever the user wishes to thus providing flexibility
in implementing Japanese leap year function
LY1
LY0
Leap Year
Counter
0
0
Leap Year Current Year
0
1
Leap Year Last Year
1
0
Leap Year 2 Years Ago
1
1
Leap Year 3 Years Ago
D2
The count mode for the hours counter can be set to
either 24 hour mode or 12 hour mode with AMPM indicator
A one will place the clock in 12 hour mode
D3
This bit is the master StartStop bit for the clock When
a one is written to this bit the real time counter’s prescaler
and counter chain are enabled When this bit is reset to zero
the contents of the real time counter is stopped When the
RTC is initially powered up this bit will be held at a logic 0
until the oscillator starts functioning correctly after which
this bit may be modified If an oscillator fail event occurs
this bit will be reset to logic 0
D4
This bit controls the operation of the interrupt output in
standby mode If set to a one it allows Alarm Periodic and
Power Fail interrupts to be functional in standby mode Note
that the MFO pin is configured as open drain in standby
mode
If bit D4 is set to a zero then bits D0 – D5 of Interrupt Control
Register 0 and bits D6 and D7 of Interrupt Control Register
1 will be reset when the RTC enters the standby mode
They will have to be re-configured when system (VCC) pow-
er is restored
D5 – D7
General purpose RAM bits
OUTPUT MODE REGISTER
TLF9981 – 16
D0 – D6
General purpose RAM bits
D7
This bit is used to program the signal appearing at the
MFO output as follows
D7
MFO Output Signal
0
Power Fail Interrupt
1
Buffered Crystal Oscillator
INTERRUPT CONTROL REGISTER 0
TLF9981 – 17
D0 – D5
These bits are used to enable one of the selected
periodic interrupts by writing a one into the appropriate bit
These interrupts are issued at the rollover of the clock For
example the minutes interrupt will be issued whenever the
minutes counter increments In all likelihood the interrupt
will be enabled asynchronously with the real time change
Therefore the very first interrupt will occur in less than the
periodic time chosen but after the first interrupt all subse-
quent interrupts will be spaced correctly These interrupts
are useful when minute second real time reading or task
switching is required When all six bits are written to a 0 this
disables periodic interrupts from the Main Status Register
and the interrupt pin If battery backed mode is selected and
the DP8573A is in standby (VBB l VCC) then these bits are
controlled by D4 of the Real Time Mode Register
D6 and D7
General purpose RAM
INTERRUPT CONTROL REGISTER 1
TLF9981 – 18
D0 – D5
Each of these bits are enable bits which will enable
a comparison between an individual clock counter and its
associated compare RAM If any bit is a zero then that
clock-RAM comparator is set to the ‘‘always equal’’ state
and the associated TIME COMPARE RAM byte can be used
as general purpose RAM However to ensure that an alarm
interrupt is not generated at bit D3 of the Main Status Regis-
ter all bits must be written to a logic zero
D6
In order to generate an external alarm compare inter-
rupt to the mP from bit D3 of the Main Status Register this
bit must be written to a logic 1 If battery backed mode is
selected and the DP8573A is in standby (VBB l VCC) then
this bit is controlled by D4 of the Real Time Mode Register
D7
The MSB of this register is the enable bit for the Power
Fail Interrupt When this bit is set to a one an interrupt will
be generated to the mP when VBB l VCC If battery backed
mode is selected and the DP8573A is in standby (VBB l
VCC) then this bit is controlled by D4 of the Real Time
Mode Register
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com