Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935RL/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM4935RL/NOPB
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RL/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4935RL/NOPB Datasheet HTML 17Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 18Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 19Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 20Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 21Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 22Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 23Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 24Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
MCL
K
I2S_CL
K
PCM_CL
K
PCM
Interface
I2S Interface
Stereo DAC
Mono ADC
PLL
% Q
% R
C
B
A
From on chip 12 MHz oscillator
USE_ONCHIP_OSC
(to DET, PMC & SAR)
LM4935, LM4935RLEVAL
www.ti.com
SNAS296E – OCTOBER 2005 – REVISED MAY 2013
The LM4935 is designed to work from a 12.000 MHz or 11.025 MHz clock at point A. This is used to drive
the power management and control logic. Performance may not meet the electrical specifications if the
frequency at this point deviates significantly beyond this range.
Figure 4-9. LM4935 Clock Network
4.2.4
COMMON CLOCK SETTINGS FOR THE DAC & ADC
The DAC has an over sampling rate of 125 but requires a 250*fs clock at point B. This allows a simple
clocking solution as it will work from 12.000 MHz (common in most systems with Bluetooth or USB) at 48
kHz exactly, the following table describes the clock required at point B for various clock sample rates in
the different DAC modes:
Table 4-4. Common DAC Clock Frequencies
DAC Sample Rate (kHz)
Clock Required at B (MHz)
8
2
11.025
2.75625
12
3
16
4
22.05
5.5125
24
6
32
8
44.1
11.025
48
12
The ADC has an over sampling ratio of 125 so the table below shows the required clock frequency at
point C.
Copyright © 2005–2013, Texas Instruments Incorporated
Application Information
21
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com