Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935RL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4935RL/NOPB
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4935RL/NOPB Datasheet HTML 4Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 5Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 6Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 7Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 8Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 9Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 10Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 11Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
LM4935, LM4935RLEVAL
SNAS296E – OCTOBER 2005 – REVISED MAY 2013
www.ti.com
3
Electrical Specifications
3.1
Absolute Maximum Ratings
(1) (2) (3)
Analog Supply Voltage (A_VDD & LS_VDD)
6.0V
Digital Supply Voltage (BB_VDD & D_VDD & PLL_VDD)
6.0V
Storage Temperature
−65°C to +150°C
Power Dissipation(4)
Internally Limited
ESD Susceptibility
Human Body Model(5)
2500V
Machine Model(6)
200V
Junction Temperature
150°C
Thermal Resistance
θJA – DSBGA (soldered down to PCB with 2in
2 1oz. copper plane)
60°C/W
Soldering Information
(1)
All voltages are measured with respect to the relevant VSS pin unless otherwise specified. All grounds should be coupled as close as
possible to the device.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Characteristics state DC and AC electrical specifications
under particular test conditions which ensure specific performance limits. This assumes that the device is within the Operating Ratings.
Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication of device
performance.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The maximum power dissipation must be de-rated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX – TA)/ θJA or the number given in Absolute Maximum Ratings,
whichever is lower.
(5)
Human body model: 100pF discharged through a 1.5k
Ω resistor.
(6)
Machine model: 220pF – 240pF discharged through all pins.
3.2
Operating Ratings
Temperature Range
−40°C to +85°C
Supply Voltage
D_VDD/PLL_VDD
2.7V to 4.5V
BB_VDD
1.8V to 4.5V
LS_VDD/A_VDD
2.7V to 5.5V
8
Electrical Specifications
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com