Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5025AMTC/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5025AMTC/NOPB
Description  Active Clamp Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5025AMTC/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5025AMTC/NOPB Datasheet HTML 1Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 2Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 3Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 4Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 5Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 6Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM5025A
www.ti.com
SNVS293E – DECEMBER 2004 – REVISED MARCH 2013
Table 1. PIN DESCRIPTION (continued)
Pin
Name
Description
Application Information
3
CS1
Current sense input for cycle-by-
If CS1 exceeds 0.5V the outputs will go into Cycle-by-Cycle current
cycle limiting
limit. CS1 is held low for 50ns after OUT_A switches high providing
leading edge blanking.
4
CS2
Current sense input for soft restart
If CS2 exceeds 0.5V the outputs will be disabled and a softstart
commenced. The soft-start capacitor will be fully discharged and then
released with a pull-up current of 1µA. After the first output pulse (when
SS =1V), the SS charge current will revert back to 20µA.
5
TIME
Output overlap/Deadtime control
An external resistor (RSET) sets either the overlap time or dead time for
the active clamp output. An RSET resistor connected between TIME and
GND produces in-phase OUT_A and OUT_B pulses with overlap. An
RSET resistor connected between TIME and REF produces out-of-
phase OUT_A and OUT_B pulses with deadtime.
6
REF
Precision 5 volt reference output
Maximum output current: 10mA Locally decouple with a 0.1µF
capacitor. Reference stays low until the VCC UV comparator is satisfied.
7
VCC
Output from the internal high
If an auxiliary winding raises the voltage on this pin above the
voltage start-up regulator. The VCC regulation setpoint, the internal start-up regulator will shutdown,
voltage is regulated to 7.6V.
reducing the IC power dissipation.
8
OUT_A
Main output driver
Output of the main switch PWM output gate driver. Output capability of
3A peak sink current.
9
OUT_B
Active Clamp output driver
Output of the Active Clamp switch gate driver. Capable of 1.25A peak
sink current..
10
PGND
Power ground
Connect directly to analog ground.
11
AGND
Analog ground
Connect directly to power ground. For the WSON package option the
exposed pad is electrically connected to AGND.
12
SS
Soft-start control
An external capacitor and an internal 20µA current source set the
softstart ramp. The SS current source is reduced to 1uA initially
following a CS2 over-current event or an over temperature event.
13
COMP
Input to the Pulse Width Modulator
An internal 5k
Ω resistor pull-up is provided on this pin. The external
opto-coupler sinks current from COMP to control the PWM duty cycle.
14
RT
Oscillator timing resistor pin
An external resistor connected from RT to ground sets the internal
oscillator frequency.
15
SYNC
Oscillator UP/DOWN
The internal oscillator can be synchronized to an external clock with a
synchronization input
frequency 20% lower than the internal oscillator’s free running
frequency. There is no constraint on the maximum sync frequency.
16
UVLO
Line Under-Voltage shutdown
An external voltage divider from the power source sets the shutdown
comparator levels. The comparator threshold is 2.5V. Hysteresis is set
by an internal current source (20µA) that is switched on or off as the
UVLO pin potential crosses the 2.5V threshold.
-
EP
Exposed pad, underside of the
Internally bonded to the die substrate. Connect to GND potential for low
WSON package option
thermal impedance.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5025A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com