Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5025AMTC/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5025AMTC/NOPB
Description  Active Clamp Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5025AMTC/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5025AMTC/NOPB Datasheet HTML 9Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 10Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 11Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 12Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 13Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 14Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 15Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 16Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
CS2
SS
20 PA
1 PA
LM5025A
www.ti.com
SNVS293E – DECEMBER 2004 – REVISED MARCH 2013
A small RC filter, located near the controller, is recommended for each of the CS pins. The CS1 input has an
internal FET which discharges the current sense filter capacitor at the conclusion of every cycle, to improve
dynamic performance. This same FET remains on an additional 50ns at the start of each main switch cycle to
attenuate the leading edge spike in the current sense signal. The CS2 discharge FET only operates following a
CS2 event, UVLO and thermal shutdown.
The LM5025A CS comparators are very fast and may respond to short duration noise pulses. Layout
considerations are critical for the current sense filter and sense resistor. The capacitor associated with the CS
filter must be placed very close to the device and connected directly to the pins of the IC (CS and GND). If a
current sense transformer is used, both leads of the transformer secondary should be routed to the filter
network , which should be located close to the IC. If a sense resistor in the source of the main switch MOSFET is
used for current sensing, a low inductance type of resistor is required. When designing with a current sense
resistor, all of the noise sensitive low power ground connections should be connected together near the IC GND
and a single connection should be made to the power ground (sense resistor ground point).
Figure 15. Current Limit
Oscillator and Sync Capability
The LM5025A oscillator is set by a single external resistor connected between the RT pin and GND. To set a
desired oscillator frequency (F), the necessary RT resistor can be calculated from:
RT = (5725/F)
1.026
(3)
where F is in kHz and RT in k
Ω.
The RT resistor should be located very close to the device and connected directly to the pins of the IC (RT and
GND).
A unique feature of LM5025A is the ability to synchronize the oscillator to an external clock with a frequency that
is either higher or lower than the frequency of the internal oscillator. The lower frequency sync frequency range is
80% of the free running internal oscillator frequency. There is no constraint on the maximum SYNC frequency. A
minimum pulse width of 100ns is required for the synchronization clock . If the synchronization feature is not
required, the SYNC pin should be connected to GND to prevent any abnormal interference . The internal
oscillator can be completely disabled by connecting the RT pin to REF. Once disabled, the sync signal will act
directly as the master clock for the controller. Both the frequency and the maximum duty cycle of the PWM
controller can be controlled by the SYNC signal (within the limitations of the Volt x Second Clamp). The
maximum duty cycle (D) will be (1-D) of the SYNC signal.
Feed-Forward Ramp
An external resistor (RFF) and capacitor (CFF) connected to VIN and GND are required to create the PWM ramp
signal. The slope of the signal at the RAMP pin will vary in proportion to the input line voltage. This varying slope
provides line feedforward information necessary to improve line transient response with voltage mode control.
The RAMP signal is compared to the error signal at the COMP pin by the pulse width modulator comparator to
control the duty cycle of the main switch output. The Volt Second Clamp comparator also monitors the RAMP pin
and if the ramp amplitude exceeds 2.5V the present cycle is terminated. The ramp signal is reset to GND at the
end of each cycle by either the internal clock or the Volt Second comparator, which ever occurs first.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5025A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com