Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP791CP Datasheet(PDF) 4 Page - Exar Corporation

Part # SP791CP
Description  Low Power Microprocessor Supervisory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP791CP Datasheet(HTML) 4 Page - Exar Corporation

  SP791CP Datasheet HTML 1Page - Exar Corporation SP791CP Datasheet HTML 2Page - Exar Corporation SP791CP Datasheet HTML 3Page - Exar Corporation SP791CP Datasheet HTML 4Page - Exar Corporation SP791CP Datasheet HTML 5Page - Exar Corporation SP791CP Datasheet HTML 6Page - Exar Corporation SP791CP Datasheet HTML 7Page - Exar Corporation SP791CP Datasheet HTML 8Page - Exar Corporation SP791CP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
4
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
WDI Threshold Voltage
0.75 X V
CC
VV
IH
(Note 4)
0.8
V
IL
WDI Input Current
-50
-10
µA
WDI = 0V
20
50
WDI = V
OUT
POWER FAIL COMPARATOR
PFI Input Threshold
1.20
1.25
1.30
V
V
CC = 5V
PFI Leakage Current
+0.01
+25
nA
PFO Output Voltage
0.4
V
I
SINK = 3.2mA
3.5
I
SOURCE = 1µA, VCC = 5V
PFO Short-Circuit Current
60
mA
Output sink current
1
15
100
µA
Output source current
PFI-to-PFO Delay
15
µs
V
OD = 15mV
55
V
OD = 15mV
CHIP-ENABLE GATING
CE IN Leakage Current
+0.005
+1
µA
Disabled mode
CE IN-to-CE OUT Resistance
65
150
Ω
Enabled mode
(Note 5)
CE OUT Short-Circuit Current
0.1
0.75
2.0
mA
Disabled mode, CE OUT = 0V
(Reset Active)
CE IN-to-CE OUT Propagation
6
10
ns
50
Ω source impedance driver,
Delay (Note 6)
C
LOAD = 50pF
CE OUT Output Voltage High
3.5
V
V
CC = 5V, IOUT = 100µA
(Reset Active)
2.7
V
CC = 0V, VBATT = 2.8V, IOUT = 1µA
RESET-to-CE OUT Delay
15
µs
Power down
MANUAL RESET INPUT
MR Minimum Pulse Width
25
15
µs
MR-to-RESET
7
µs
Propagation Delay
MR Threshold
1.25
V
V
CC = 5V
MR Pull-Up Current
23
250
µA
MR = 0V
Note 1: Either V
CC or VBATT can go to 0V, if the other is
greater than 2.0V.
Note 2: The supply current drawn by the SP791 from the
battery (excluding I
OUT) typically goes to 10µA when (VBATT
- 1V) < V
CC < VBATT. In most applications, this is a brief
period as V
CC falls through this region.
Note
3:
"+"
=
battery-discharging
current,
"-" = battery-charging current.
Note 4: WDI is internally connected to a voltage divider
between V
OUT and GND. If unconnected, WDI is driven to
1.6V (typ), disabling the watchdog function.
ELECTRICAL CHARACTERISTICS (continued)
(Vcc = 4.75V to 5.5V, VBATT = 2.8V, T
A = TMIN to TMAX unless otherwise noted, typicals specified at 25
oC)
Note 5: The chip-enable resistance is tested with V
CC =
4.75V :: V
CE IN = VCE OUT =VCC/2.
Note 6: The chip-enable propagation delay is measured
from the 50% point at CE IN to the 50% point at CE
OUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com