Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP791CP Datasheet(PDF) 8 Page - Exar Corporation

Part # SP791CP
Description  Low Power Microprocessor Supervisory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP791CP Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP791CP Datasheet HTML 4Page - Exar Corporation SP791CP Datasheet HTML 5Page - Exar Corporation SP791CP Datasheet HTML 6Page - Exar Corporation SP791CP Datasheet HTML 7Page - Exar Corporation SP791CP Datasheet HTML 8Page - Exar Corporation SP791CP Datasheet HTML 9Page - Exar Corporation SP791CP Datasheet HTML 10Page - Exar Corporation SP791CP Datasheet HTML 11Page - Exar Corporation SP791CP Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
8
2) Manual-Reset input ¬ Manually resets
RESET output
3) Power Fail Comparator ¬ Provides for power-
fail warning and low-battery detection, or
monitors another power supply.
4) Watchdog function ¬ Monitors
µP activity
where the watchdog output goes to a logic
LOW state if the watchdog input is not toggled
for a period greater than the timeout period.
5) Internal switch ¬ Switches over from V
CC to
V
BATT if the VCC falls below the reset thresh-
old and below V
BATT.
MANUAL RESET INPUT
Many microprocessor or microcontroller prod-
ucts include manual-reset capability, allowing
the operator or test technician to initiate a reset.
The Manual Reset Input (MR) can be connected
directly to a switch, without an external pull-up
resistor. It connects to a 1.25V comparator, and
has an internal pull-up to VOUT as shown in Fig-
ure 1. The propagation delay from asserting MR
to RESET being asserted is 7us typical. Pulsing
FEATURES
The SP791 is a microprocessor (
µP) supervi-
sory circuit that monitors the power supplied to
digital circuits such as microprocessors,
microcontrollers, or memory. The SP791 is an
ideal solution for portable, battery-powered
equipment that require power supply monitor-
ing. The SP791 watchdog functions will con-
tinuously oversee the operational status of a sys-
tem. Implementing the SP791 will reduce the
number of components and overall complexity
in a design that requires power supply monitor-
ing circuitry. The operational features and ben-
efits of the SP791 are described in more detail
below.
THEORY OF OPERATION
The SP791 is a complete
µP supervisor IC and
provides the following main functions:
1)
µP reset ¬ RESET output is asserted during
power fluctuations such as power-up, power-
down, and brown out conditions, and is guar-
anteed to be in the correct state for VCC down
to 1V.
Figure 2. Manual-Reset Timing Diagram
Typical Operating Circuit
Figure 3. Diode "OR" connections allow multiple reset
sources to connect to MR.
Corporation
Vcc
BATT
ON
SWT
VOUT
CE OUT
MR
CE IN
PFI
PFO
GND
WDI
LOWLINE
RESET
WDO
UNREGULATED
SUPPLY FAILURE
OTHER SYSTEM
RESET SOURCES
0.47F
ADDRESS
DECODE
0.1
µF
+5V
0.1
µF
CMOS
RAM
AO-A15
µP
I/O
NMI
RESET
INT
VBATT
UNREGULATED
SUPPLY
MANUAL RESET
OTHER
RESET
SOURCES
* DIODES NOT REQUIRED ON OPEN-DRAIN OUTPUTS
*
*
MR
Corporation
MR
RESET
CE IN
0V
CE OUT
25
µs MIN
7
µs TYP
15
µs TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com