Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6654EU Datasheet(PDF) 2 Page - Exar Corporation

Part # SP6654EU
Description  High Efficiency 800mA Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6654EU Datasheet(HTML) 2 Page - Exar Corporation

  SP6654EU Datasheet HTML 1Page - Exar Corporation SP6654EU Datasheet HTML 2Page - Exar Corporation SP6654EU Datasheet HTML 3Page - Exar Corporation SP6654EU Datasheet HTML 4Page - Exar Corporation SP6654EU Datasheet HTML 5Page - Exar Corporation SP6654EU Datasheet HTML 6Page - Exar Corporation SP6654EU Datasheet HTML 7Page - Exar Corporation SP6654EU Datasheet HTML 8Page - Exar Corporation SP6654EU Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Date: 2/1/05
SP6654 High Efficiency 800mA Synchronous Buck Regulator
© Copyright 2005 Sipex Corporation
VIN=PVIN=VSDN=3.6V, VOUT=VFB, IO = 0mA, TAMB = -40°C to +85°C, The ♦ denotes the specifications which
apply over the full operating temperature range, unless otherwise specified.
PV
IN,VIN .............................................................................................. 6V
All other pins .............................................................. -0.3V to V
IN+0.3V
PV
IN, PGND, LX current ........................................................................ 2A
Storage Temperature .................................................. -65 °C to 150 °C
Operating Temperature ................................................. -40°C to +85°C
Junction Temperature ................................................................. 125°C
Theta JA (10 Pin MSOP) .......................................................... 214°C/w
Theta JA (10 Pin DFN) ............................................................ 48.7°C/w
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may
affect reliability.
ELECTRICAL CHARACTERISTICS
R
E
T
E
M
A
R
A
PN
I
MP
Y
TX
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
g
n
i
t
a
r
e
p
O
e
g
a
t
l
o
V
t
u
p
n
IO
L
V
U5
.
5V
♦
I
f
o
t
l
u
s
e
R
Q
t
a
t
n
e
m
e
r
u
s
a
e
m
V
N
I
V
P
=
N
I
V
5
.
5
=
e
g
a
t
l
o
V
t
u
p
t
u
O
m
u
m
i
n
i
M0
.
1V
♦
r
V
,
e
g
a
t
l
o
V
t
e
S
B
F
r
V
,
e
g
a
t
l
o
V
t
e
S
B
F4
8
7
.
00
0
8
.
06
1
8
.
0V
e
s
o
l
C
A
m
0
0
2
=
O
I
,
C
°
5
2
,
H
µ
0
1
=
I
L
.
p
o
o
L
y
c
a
r
u
c
c
A
ll
a
r
e
v
O
4
±
%
V
t
a
d
e
r
u
s
a
e
M
N
I
o
n
,
V
5
.
5
=
T
,
d
a
o
l
B
M
A
C
°
0
7
o
t
C
°
0
=
5
±
♦
V
t
a
d
e
r
u
s
a
e
M
N
I
A
m
0
0
2
,
V
6
.
3
=
p
o
o
L
e
s
o
l
C
,
d
a
o
l
,
n
i
M
N
O
K
-
t
n
a
t
s
n
o
C
e
m
i
T
-
n
O
T
N
O
V
(
/
N
O
K
=
N
I
V
-
T
U
O
)
5
.
15
2
.
20
.
3s
µ
*
V
♦
C
,
H
µ
0
1
=
I
L
,
p
o
o
L
e
s
o
l
C
T
U
O
=
F
µ
2
2
T
,
n
i
M
e
m
i
T
-
f
f
O
F
F
O
K
=
F
F
O
V
/
T
U
O
K
-
t
n
a
t
s
n
o
C
F
F
O
6
.
14
.
22
.
3s
µ
*
V
♦
,
d
e
p
p
i
r
t
t
i
m
il
t
n
e
r
r
u
c
r
o
t
c
u
d
n
I
V
B
F
V
t
a
d
e
r
u
s
a
e
M
V
5
.
0
=
'
V
2
=
g
n
i
k
n
a
l
B
e
m
i
T
-
f
f
O0
0
1
s
n
T
B
M
A
C
°
7
2
=
e
c
n
a
t
s
i
s
e
R
h
c
t
i
w
S
S
O
M
P3
.
06
.
0
♦
A
m
0
0
2
=
S
O
M
P
I
e
c
n
a
t
s
i
s
e
R
h
c
t
i
w
S
S
O
M
N3
.
06
.
0
♦
A
m
0
0
2
=
S
O
M
N
I
t
i
m
i
L
t
n
e
r
r
u
C
r
o
t
c
u
d
n
I0
.
15
2
.
10
5
.
1A
♦ V
B
F
V
5
.
0
=
t
n
e
r
r
u
C
e
g
a
k
a
e
L
X
L1
0
.
03
A
µ
♦
0
=
1
D
=
0
D
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P
6
9
%
V
T
U
O
A
m
0
0
2
=
O
I
,
V
5
.
2
=
T
B
M
A
C
°
7
2
=
2
9
V
T
U
O
A
m
0
0
8
=
O
I
,
V
3
.
3
=
T
B
M
A
C
°
7
2
=
t
n
e
r
r
u
C
d
a
o
L
d
e
e
t
n
a
r
a
u
G
m
u
m
i
n
i
M0
0
80
0
9A
m
♦
V
N
I
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q0
20
3A
µ
♦ V T
U
O
V
,
V
3
.
3
=
N
I
d
n
a
V
6
.
3
=
V
N
I
V
5
.
5
=
V
N
I
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S1
0
0
5A
n
♦
V
0
=
0
D
=
1
D
V
T
U
O
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q2
5
A
µ
♦ V
T
U
O
V
3
.
3
=
V
T
U
O
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S1
0
0
5A
n
♦
V
0
=
0
D
=
1
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com