Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6654EU Datasheet(PDF) 7 Page - Exar Corporation

Part # SP6654EU
Description  High Efficiency 800mA Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6654EU Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP6654EU Datasheet HTML 3Page - Exar Corporation SP6654EU Datasheet HTML 4Page - Exar Corporation SP6654EU Datasheet HTML 5Page - Exar Corporation SP6654EU Datasheet HTML 6Page - Exar Corporation SP6654EU Datasheet HTML 7Page - Exar Corporation SP6654EU Datasheet HTML 8Page - Exar Corporation SP6654EU Datasheet HTML 9Page - Exar Corporation SP6654EU Datasheet HTML 10Page - Exar Corporation SP6654EU Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Date: 2/1/05
SP6654 High Efficiency 800mA Synchronous Buck Regulator
© Copyright 2005 Sipex Corporation
CH.2=VOUT
50mV/div. AC
CH.4=IOUT
0.5A/div
CH.2=VOUT
50mV/div. AC
CH.4=IIN
0.5A/div
CH.1=VSHDN
10V/div.
CH.2=VOUT
1V/div. AC
CH.4=ILx
0.5A/div
CH.1=VSHDN
10V/div.
CH.2=VOUT
2V/div. AC
CH.4=ILx
0.5A/div
Figure 15. Load Step, I
OUT=0.4A to 0.8A, VOUT=3.3V
Figure 16. Load Step, I
OUT=0.4A to 0.8A, VOUT=1.5V
Figure 17. Start up from SHDN, I
OUT=0.6A, VOUT=3.3V
Figure 18. Start up from SHDN, I
OUT=0.6A, VOUT=1.5V
TYPICAL PERFORMANCE CHARATERISTICS
Refer to the typical application schematic, TAMB= +27°C
CH.1=VIN
2.5V/div
CH.2=VOUT
2.0V/div
CH.4=IIN
0.5A/div
CH.1=VIN
2.5V/div
CH.2=VOUT
5.0V/div
CH.4=IIN
0.5A/div
Figure 13. V
IN Start up, IOUT=0.6A, VOUT=3.3V
Figure 14. V
IN Start up, IOUT=0.6A, VOUT=1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com