Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8572AM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8572AM
Description  Real Time Clock (RTC)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8572AM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP8572AM Datasheet HTML 9Page - National Semiconductor (TI) DP8572AM Datasheet HTML 10Page - National Semiconductor (TI) DP8572AM Datasheet HTML 11Page - National Semiconductor (TI) DP8572AM Datasheet HTML 12Page - National Semiconductor (TI) DP8572AM Datasheet HTML 13Page - National Semiconductor (TI) DP8572AM Datasheet HTML 14Page - National Semiconductor (TI) DP8572AM Datasheet HTML 15Page - National Semiconductor (TI) DP8572AM Datasheet HTML 16Page - National Semiconductor (TI) DP8572AM Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Functional Description (Continued)
TLF9980 – 11
FIGURE 6 System-Battery Switchover (Upper Left) Power Fail
and Lock-Out Circuits (Lower Right)
If chip select is low when a power failure is detected a
safety circuit will ensure that if a read or write is held active
continuously for greater than 30 ms after the power fail sig-
nal is asserted the lock-out will be forced If a lock-out delay
is enabled the DP8572A will remain active for 480 ms after
power fail is detected This will enable the mP to perform
last minute bookkeeping before total system collapse
When the host CPU is finished accessing the RTC it may
force the bus lock-out before 480 ms has elapsed by reset-
ting the delay enable bit
The battery switch over circuitry is completely independent
of the PFAIL pin A separate circuit compares VCC to the
VBB voltage As the main supply fails the RTC will continue
to operate from the VCC pin until VCC falls below the VBB
voltage At this time the battery supply is switched in VCC is
disconnected and the device is now in the standby mode If
indeterminate operation of the battery switch over circuit is
to be avoided then the voltage at the VCC pin must not be
allowed to equal the voltage at the VBB pin
After the generation of a lock-out signal and eventual
switch in of the battery supply the pins of the RTC will be
configured as shown in Table II Outputs that have a pull-up
resistor should be connected to a voltage no greater than
VBB
TABLE II Pin Isolation during a Power Failure
Pin
PFAIL e
Standby Mode
Logic 0
VBB l VCC
CS RD WR
Locked Out
Locked Out
A0 – A4
Locked Out
Locked Out
D0 – D7
Locked Out
Locked Out
Oscillator
Not Isolated
Not Isolated
PFAIL
Not Isolated
Not Isolated
INTR MFO
Not Isolated
Open Drain
The Interrupt Power Fail Operation bit in the Real-Time
Mode Register determine whether or not the interrupts will
continue to function after a power fail event
As power returns to the system the battery switch over cir-
cuit will switch back to VCC power as soon as it becomes
greater than the battery voltage The chip will remain in the
locked out state as long as PFAIL e 0 When PFAIL e 1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com