Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8572AM Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8572AM
Description  Real Time Clock (RTC)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8572AM Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP8572AM Datasheet HTML 14Page - National Semiconductor (TI) DP8572AM Datasheet HTML 15Page - National Semiconductor (TI) DP8572AM Datasheet HTML 16Page - National Semiconductor (TI) DP8572AM Datasheet HTML 17Page - National Semiconductor (TI) DP8572AM Datasheet HTML 18Page - National Semiconductor (TI) DP8572AM Datasheet HTML 19Page - National Semiconductor (TI) DP8572AM Datasheet HTML 20Page - National Semiconductor (TI) DP8572AM Datasheet HTML 21Page - National Semiconductor (TI) DP8572AM Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Control and Status Register Address Bit Map
D7
D6
D5
D4
D3
D2
D1
D0
1 Reset by
Main Status Register
PS e XRS e X
ADDRESS e 00H
writing
RW
RW
RW
RW
RW1
RW1
R2
R3
1 to bit
Page
Register
RAM
RAM
Alarm
Periodic
Power Fail
Interrupt
2 Setreset by
Select
Select
Interrupt
Interrupt
Interrupt
Status
voltage at
PFAIL pin
3 Reset when
all pending
interrupts
are removed
Periodic Flag Register
PS e 0RS e 0
Address e 03H
4 Read Osc fail
RW
RW4
R5
R5
R5
R5
R5
R5
Write 0 Batt-
Test
Osc Fail
1 ms
10 ms
100 ms
Seconds
10 Second
Minute
Backed Mode
Mode
Single Supply
Flag
Flag
Flag
Flag
Flag
Flag
Write 1 Single
Supply Mode
5 Reset by
positive edge
of read
Time Save Control Register
PS e 0RS e 0
Address e 04H
RW
R6
RW
RW
RW
RW
RW
RW
Time Save
Low Battery
Power Fail
6 Set and reset
by VBB
Enable
Flag
Delay
RAM
RAM
RAM
RAM
RAM
voltage
Enable
Real Time Mode Register
PS e 0RS e 1
Address e 01H
Crystal
Crystal
RAM
Interrupt EN
Clock
1224 Hr
Leap Year
Leap Year
All Bits RW
Freq XT1
Freq XT0
on Back-Up
StartStop
Mode
MSB
LSB
Output Mode Register
PS e 0RS e 1
Address e 02H
MFO as
RAM
RAM
RAM
RAM
RAM
RAM
RAM
All Bits RW
Crystal
Interrupt Control Register 0
PS e 0RS e 1
Address e 03H
1 ms
10 ms
100 ms
Seconds
10 Second
Minute
RAM
RAM
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
All Bits RW
Enable
Enable
Enable
Enable
Enable
Enable
Interrupt Control Register 1
PS e 0RS e 1
Address e 04H
Power Fail
Alarm
DOW
Month
DOM
Hours
Minute
Second
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
All Bits RW
Enable
Enable
Enable
Enable
Enable
Enable
Enable
Enable
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com