Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6660EB Datasheet(PDF) 1 Page - Exar Corporation

Part # SP6660EB
Description  200mA Charge Pump Inverter or Doubler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6660EB Datasheet(HTML) 1 Page - Exar Corporation

  SP6660EB Datasheet HTML 1Page - Exar Corporation SP6660EB Datasheet HTML 2Page - Exar Corporation SP6660EB Datasheet HTML 3Page - Exar Corporation SP6660EB Datasheet HTML 4Page - Exar Corporation SP6660EB Datasheet HTML 5Page - Exar Corporation SP6660EB Datasheet HTML 6Page - Exar Corporation SP6660EB Datasheet HTML 7Page - Exar Corporation SP6660EB Datasheet HTML 8Page - Exar Corporation SP6660EB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
1
s Inverts or Doubles Input Supply Voltage
s 93% Power Efficiency at 3.6V
s 10kHz/80kHz Selectable Oscillator
s External Oscillator up to 700KHz
s 5
Ω Output Resistance at 3.6V
s Low Voltage Battery Operation
s Ideal for 3.6V Lithium Ion Battery
s High Output Current – 200mA
s Pin-Compatible High-Current Upgrade of
the ICL7660 and 660 Industry Standard
s Smallest Package Available for the 660
Industry Standard – 8pin
µSOIC
200mA Charge Pump Inverter or Doubler
SP6660
DESCRIPTION
The SP6660 is a CMOS DC-DC Monolithic Voltage Converter that can be implemented as a
Voltage Inverter or a Positive Voltage Doubler. As a Voltage Inverter, a -1.5V to -4.25V output
can be converted from a +1.5V to +4.25V input. As a Voltage Doubler, the SP6660 can provide
a +8.0V output at 100mA from a +4.25V input. The SP6660 is ideal for both battery-powered
and board level voltage conversion applications with a typical operating current of 400
µA and
a high efficiency (>90%) over most of its load-current range. Typical end products for this
device are operational amplifier and interface power supplies, medical instruments, and hand-
held and laptop computers. The SP6660 is available in 8-pin DIP, SOIC, and
µSOIC
packages.
OSC
OUT
SP6660
+VIN
+1.5V to +4.25V
C1
1
µF to 150µF
5
1
2
7
4
FC
C2
1
µF to 150µF
CAP+
CAP-
GND
6
8
3
LV
NEGATIVE
VOLTAGE
OUTPUT
TYPICAL CIRCUIT: VOLTAGE INVERTER
+V
OSC
OUT
SP6660
+VIN
+1.5V to +4.25V
C1
1
µF to 150µF
5
1
2
7
4
FC
C2
1
µF to 150µF
CAP+
CAP-
GND
6
8
3
LV
DOUBLE
VOLTAGE
OUTPUT
TYPICAL CIRCUIT: VOLTAGE DOUBLER
+V
®
Now Available in Lead Free Packaging


Similar Part No. - SP6660EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
284Kb / 22P
200mA Charge Pump Inverter or Doubler
SP6660EB SIPEX-SP6660EB Datasheet
284Kb / 22P
200mA Charge Pump Inverter or Doubler
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
Evaluation Board Manual
More results

Similar Description - SP6660EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
200mA Charge Pump Inverter or Doubler
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
200mA Charge Pump Inverter or Doubler
SP6661 SIPEX-SP6661 Datasheet
293Kb / 7P
High Frequency 200mA Charge Pump Inverter or Doubler
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Sipex Corporation
SP6661EN-L SIPEX-SP6661EN-L Datasheet
513Kb / 8P
High Frequency 200mA Charge Pump Inverter or Doubler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com