Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6661 Datasheet (PDF) - Sipex Corporation

SP6661 Datasheet PDF - Sipex Corporation
Part # SP6661
Download  SP6661 Download
File Size   293.27 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Frequency 200mA Charge Pump Inverter or Doubler

SP6661 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6661 Datasheet PDF - Sipex Corporation

Part # SP6661
Download  SP6661 Click to download

File Size   293.27 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Frequency 200mA Charge Pump Inverter or Doubler

SP6661 Datasheet (HTML) - Sipex Corporation


SP6661 Product details

DESCRIPTION
The SP6661 is a CMOS DC-DC Monolithic Voltage Converter that can be implemented as a Voltage Inverter or a Positive Voltage Doubler. As a Voltage Inverter, a -1.5V to -5.0V output can be converted from a +1.5V to +5.0V input. As a Voltage Doubler, a +5.0V to +10.0V output can be provided from a +2.5V to +5.0V input. TheSP6661 is ideal for both battery-powered and board level voltage conversion applications with a typical operating current of 3mA and a high efficiency (>90%) over most of its load-current range. Typical end products for this device are disk drive supplies, operational amplifier and interface power supplies, medical instruments, and hand held and laptop computers. The SP6661 is available in 8-pin NSOIC, and µSOIC packages.

FEATURES
■ Inverts or Doubles Input Supply Voltage
■ 92% Power Efficiency at 100mA
■ 120kHz/900kHz Selectable Oscillator Frequency
■ 4.5Ω Output Resistance Using 3.3µF Ceramic Caps
■ Low Voltage Battery Operation
■ Ideal for 3.6V Lithium Ion Battery or 5.0V Input
■ High Output Current – 200mA
■ Low Profile Solution
■ 1.5V Inverter Startup Guaranteed
■ Pin-Compatible High-Current Upgrade of the ICL7660 and 660 Industry Standard
■ Smallest Package Available for the 660 Industry Standard – 8 pin MSOP




Similar Part No. - SP6661

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6661 EXAR-SP6661 Datasheet
520Kb / 8P
High Frequency 200mA Charge Pump
logo
Sipex Corporation
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
513Kb / 8P
High Frequency 200mA Charge Pump Inverter or Doubler
logo
Exar Corporation
SP6661EB EXAR-SP6661EB Datasheet
520Kb / 8P
High Frequency 200mA Charge Pump
logo
Sipex Corporation
SP6661EN SIPEX-SP6661EN Datasheet
513Kb / 8P
High Frequency 200mA Charge Pump Inverter or Doubler
More results


Similar Description - SP6661

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
200mA Charge Pump Inverter or Doubler
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
200mA Charge Pump Inverter or Doubler
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
logo
Sipex Corporation
SP6661EN-L SIPEX-SP6661EN-L Datasheet
513Kb / 8P
High Frequency 200mA Charge Pump Inverter or Doubler
logo
Exar Corporation
SP6660 EXAR-SP6660 Datasheet
273Kb / 22P
200mA Charge Pump Inverter or Doubler
SP6661 EXAR-SP6661 Datasheet
520Kb / 8P
High Frequency 200mA Charge Pump
logo
ON Semiconductor
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com