Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6661 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6661
Description  High Frequency 200mA Charge Pump Inverter or Doubler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6661 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6661 Datasheet HTML 1Page - Sipex Corporation SP6661 Datasheet HTML 2Page - Sipex Corporation SP6661 Datasheet HTML 3Page - Sipex Corporation SP6661 Datasheet HTML 4Page - Sipex Corporation SP6661 Datasheet HTML 5Page - Sipex Corporation SP6661 Datasheet HTML 6Page - Sipex Corporation SP6661 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Date: 05/25/04
SP6661 High Frequency 200mA Charge Pump Inverter or Doubler
© Copyright 2004 Sipex Corporation
4
Optimizing Capacitor Selection
Refer to Figure 1 for the total output resistance for various capacitance values and oscillator frequencies.
The reservoir and charge pump capacitor values are equal. The capacitance values required to maintain
comparable ripple and output resistance typically diminish proportionately as the pump frequency of
the SP6661 increases.
0
2
4
6
8
10
12
14
16
18
20
110
100
1000
C1, C2 Capacitance (uF)
10KHz
20KHz
50KHz
100KHz
200KHz
500KHz
1000KHz
Figure 1. Total Output Resistance for various capacitance values and oscillator frequencies.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com