Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6661 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6661
Description  High Frequency 200mA Charge Pump Inverter or Doubler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6661 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6661 Datasheet HTML 1Page - Sipex Corporation SP6661 Datasheet HTML 2Page - Sipex Corporation SP6661 Datasheet HTML 3Page - Sipex Corporation SP6661 Datasheet HTML 4Page - Sipex Corporation SP6661 Datasheet HTML 5Page - Sipex Corporation SP6661 Datasheet HTML 6Page - Sipex Corporation SP6661 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Date: 05/25/04
SP6661 High Frequency 200mA Charge Pump Inverter or Doubler
© Copyright 2004 Sipex Corporation
1
■ Inverts or Doubles Input Supply Voltage
■ 92% Power Efficiency at 100mA
■ 120kHz/900kHz Selectable Oscillator Fre-
quency
■ 4.5Ω Output Resistance Using 3.3µF Ceramic
Caps
■ Low Voltage Battery Operation
■ Ideal for 3.6V Lithium Ion Battery or 5.0V Input
■ High Output Current – 200mA
■ Low Profile Solution
■ 1.5V Inverter Startup Guaranteed
■ Pin-Compatible High-Current Upgrade of the
ICL7660 and 660 Industry Standard
■ Smallest Package Available for the 660
Industry Standard – 8 pin µSOIC
High Frequency 200mA Charge Pump
Inverter or Doubler
SP6661
The SP6661 is a CMOS DC-DC Monolithic Voltage Converter that can be implemented as a
Voltage Inverter or a Positive Voltage Doubler. As a Voltage Inverter, a -1.5V to -5.0V output can
be converted from a +1.5V to +5.0V input. As a Voltage Doubler, a +5.0V to +10.0V output can
be provided from a +2.5V to +5.0V input. The SP6661 is ideal for both battery-powered and board
level voltage conversion applications with a typical operating current of 3mA and a high efficiency
(>90%) over most of its load-current range. Typical end products for this device are disk drive
supplies, operational amplifier and interface power supplies, medical instruments, and hand held
and laptop computers. The SP6661 is available in 8-pin NSOIC, and µSOIC packages.
OSC
OUT
SP6661
+VIN
+1.5V to +5.0V
C1
1µF to 22µF
5
1
2
7
4
FC
C2
1µF to 22µF
CAP+
CAP-
GND
6
8
3
LV
INVERTED
NEGATIVE
VOLTAGE
OUTPUT
+V
®
C3
1µF to 22µF
CAP+
®
C3
1µF to 22µF
SP6661
OSC
OUT
+VIN
+2.5V to +5.0V
C1
1µF to 22µF
5
1
2
7
4
FC
C2
1µF to 22µF
CAP-
GND
6
8
3
LV
DOUBLE
NEGATIVE
VOLTAGE
OUTPUT
+V
Figure 1: Voltage Inverter
Figure 2: Voltage Doubler
DESCRIPTION
1
2
3
4
5
6
7
8
FC
SP6661
8 Pin nSOIC
CAP-
OUT
GND
CAP+
V+
OSC
LV
Now Available in Lead Free Packaging


Similar Part No. - SP6661

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6661 EXAR-SP6661 Datasheet
520Kb / 8P
High Frequency 200mA Charge Pump
logo
Sipex Corporation
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
513Kb / 8P
High Frequency 200mA Charge Pump Inverter or Doubler
logo
Exar Corporation
SP6661EB EXAR-SP6661EB Datasheet
520Kb / 8P
High Frequency 200mA Charge Pump
logo
Sipex Corporation
SP6661EN SIPEX-SP6661EN Datasheet
513Kb / 8P
High Frequency 200mA Charge Pump Inverter or Doubler
More results

Similar Description - SP6661

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
200mA Charge Pump Inverter or Doubler
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
200mA Charge Pump Inverter or Doubler
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
logo
Sipex Corporation
SP6661EN-L SIPEX-SP6661EN-L Datasheet
513Kb / 8P
High Frequency 200mA Charge Pump Inverter or Doubler
logo
Exar Corporation
SP6660 EXAR-SP6660 Datasheet
273Kb / 22P
200mA Charge Pump Inverter or Doubler
SP6661 EXAR-SP6661 Datasheet
520Kb / 8P
High Frequency 200mA Charge Pump
logo
ON Semiconductor
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com