Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2104 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # LPC2104
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2104 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button LPC2104 Datasheet HTML 20Page - NXP Semiconductors LPC2104 Datasheet HTML 21Page - NXP Semiconductors LPC2104 Datasheet HTML 22Page - NXP Semiconductors LPC2104 Datasheet HTML 23Page - NXP Semiconductors LPC2104 Datasheet HTML 24Page - NXP Semiconductors LPC2104 Datasheet HTML 25Page - NXP Semiconductors LPC2104 Datasheet HTML 26Page - NXP Semiconductors LPC2104 Datasheet HTML 27Page - NXP Semiconductors LPC2104 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Philips Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
Product data
Rev. 04 — 05 February 2004
24 of 32
9397 750 12792
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.
Static characteristics
Table 9:
Static characteristics
Tamb =0 °Cto +70 °C for commercial, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD1.8
Supply voltage
1.65
1.8
1.95
V
VDD3
External rail supply voltage
3.0
3.3
3.6
V
Standard Port pins, RST, RTCK, and DBGSEL
IIL
LOW level input current, no
pull-up
Vi =0
-
-
3
µA
IIH
HIGH level input current, no
pull down
Vi =VDD3
--
3
µA
IOZ
3-state output leakage, no
pull-up/down
Vo = 0, Vo =VDD3
--
3
µA
Ilatchup
I/O latch-up current
−(0.5 V
DD3) < V < (1.5 VDD3)
Tj < 125 °C
100
-
-
mA
Vi
Input voltage[3][4][5]
0
-
5.5
V
Vo
Output voltage, output active
0
-
VDD3
V
VIH
HIGH level input voltage
2.0
-
-
V
VIL
LOW level input voltage
-
-
0.8
V
Vhys
Hysteresis voltage
-
0.4
-
V
VOH
HIGH level output voltage[6]
IOH = −4 mA
VDD3 − 0.4
-
-
V
VOL
LOW level output voltage[6]
IOL = −4 mA
-
-
0.4
V
IOH
HIGH level output current[6]
VOH =VDD3 − 0.4 V
−4-
-
mA
IOL
LOW level output current[6]
VOL = 0.4 V
4
-
-
mA
IOH
HIGH level short circuit
current[7]
VOH =0
-
-
−45
mA
IOL
LOW level short circuit
current[7]
VOL =VDD3
-
-
50
mA
IPD
Pull-down current (applies to
DBGSEL)
Vi =5V[8]
20
50
100
µA
IPU
Pull-up current (applies to
P0.22 - P0.31)
Vi =0
−25
−50
−65
µA
VDD3 < Vi< 5 V[8]
00
0
µA
IDD1.8
Active Mode
VDD1.8 = 1.8 V, cclk = 60 MHz,
Tamb =25 °C, code
while(1){}
executed from FLASH, no active
peripherals
-30
-
mA
Power-down Mode
VDD1.8 = 1.8 V, Tamb = +25 °C,
-
10
-
µA
VDD1.8 = 1.8 V, Tamb = +85 °C
-
50
500
µA
I2C pins
VIH
HIGH level input voltage
VTOL is from 4.5 V to 5.5 V
0.7 VTOL
--
V
VIL
LOW level input voltage
VTOL is from 4.5 V to 5.5 V
-
-
0.3 VTOL
V
Vhys
Hysteresis voltage
VTOL is from 4.5 V to 5.5 V
-
0.5 VTOL
-V
VOL
LOW level output voltage[6]
IOL = 3 mA
-
-
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com