Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2104 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # LPC2104
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2104 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LPC2104 Datasheet HTML 21Page - NXP Semiconductors LPC2104 Datasheet HTML 22Page - NXP Semiconductors LPC2104 Datasheet HTML 23Page - NXP Semiconductors LPC2104 Datasheet HTML 24Page - NXP Semiconductors LPC2104 Datasheet HTML 25Page - NXP Semiconductors LPC2104 Datasheet HTML 26Page - NXP Semiconductors LPC2104 Datasheet HTML 27Page - NXP Semiconductors LPC2104 Datasheet HTML 28Page - NXP Semiconductors LPC2104 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Philips Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
Product data
Rev. 04 — 05 February 2004
25 of 32
9397 750 12792
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (+25 ˚C), nominal supply voltages.
[2]
Pin capacitance is characterized but not tested.
[3]
Including voltage on outputs in 3-state mode.
[4]
VDD3 supply voltages must be present.
[5]
3-state outputs go into 3-state mode when VDD3 is grounded.
[6]
Accounts for 100 mV voltage drop in all supply lines.
[7]
Only allowed for a short time period.
[8]
Minimum condition for Vi = 4.5 V, maximum condition for Vi = 5.5 V.
Ilkg
Input leakage to VSS
Vi =VDD3
-2
4
µA
Vi =5V
-
10
22
µA
Oscillator pins
X1 input Voltages
0
-
VDD1.8
X2 output Voltages
0
-
VDD1.8
Table 9:
Static characteristics…continued
Tamb =0 °Cto +70 °C for commercial, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com