Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5134AMF/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5134AMF/NOPB
Description  Single 7.6-A Peak Current Low-Side Gate Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5134AMF/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5134AMF/NOPB Datasheet HTML 8Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 9Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 10Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 11Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 12Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 13Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 14Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 15Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
OUT
IN
INB
VSS
UVLO
VDD
DRIVER
PILOT
VSS
12
LM5134
SNVS808C – MAY 2012 – REVISED FEBRURARY 2016
www.ti.com
Product Folder Links: LM5134
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM5134 is a single low-side gate driver with one main output, OUT, and a complementary output PILOT.
The OUT pin has high 7.6-A and 4.5-A peak sink and source current and can be used to drive large power
MOSFETs or multiple MOSFETs in parallel. The PILOT pin has 820-mA and 660-mA peak sink and source
current, and is intended to drive an external turnoff MOSFET, as shown in Functional Block Diagram. The
external turnoff FET can be placed close to the power MOSFETs to minimize the loop inductance, and therefore
helps eliminate stray inductance induced oscillations or undesired turnon. This feature also provides the flexibility
to adjust turnon and turnoff speed independently.
7.2 Functional Block Diagram
7.3 Feature Description
When using the external turnoff switch, it is important to prevent the potential shoot-through between the external
turnoff switch and the LM5134 internal pullup switch. The propagation delay, TPD-ON and TPD-OFF, has been
implemented in the LM5134 between the PILOT and the OUT pins, as depicted in the timing diagram. The turnon
delay TPD-ON is designed to be shorter than the turnoff delay TPD-OFF because the rising time of the external
turnoff switch can attribute to the additional delay time. It is also desirable to minimize TPD-ON to favor the fast
turnoff of the power MOSFET.
The LM5134 offers both inverting and noninverting inputs to satisfy requirements for inverting and non-inverting
gate drive signals in a single device type. Inputs of the LM5134 are TTL and CMOS Logic compatible and can
withstand input voltages up to 14 V regardless of the VDD voltage. This allows inputs of the LM5134 to be
connected directly to most PWM controllers.
The LM5134 includes an Undervoltage Lockout (UVLO) circuit. When the VDD voltage is below the UVLO
threshold voltage, the IN and INB inputs are ignored, and if there is sufficient VDD voltage, the OUT is pulled
low. In addition, the LM5134 has an internal PNP transistor in parallel with the output NMOS. Under the UVLO
condition, the PNP transistor will be on and clamp the OUT voltage below 1 V. This feature ensures the OUT
remains low even with insufficient VDD voltage.
7.4 Device Functional Modes
Table 1 lists the logic options for the device and Table 2 lists the device truth table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com