Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5134AMF/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM5134AMF/NOPB
Description  Single 7.6-A Peak Current Low-Side Gate Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5134AMF/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5134AMF/NOPB Datasheet HTML 10Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 11Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 12Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 13Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 14Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 15Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 16Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 17Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14
LM5134
SNVS808C – MAY 2012 – REVISED FEBRURARY 2016
www.ti.com
Product Folder Links: LM5134
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
High-current gate-driver devices are required in switching power applications for a variety of reasons. To affect
fast switching of power devices and reduce associated switching power losses, a powerful gate driver is
employed between the PWM output of controllers and the gates of the power-semiconductor devices. Further,
gate drivers are indispensable when there are times that the PWM controller cannot directly drive the gates of
the switching devices. With advent of digital power, this situation is often encountered because the PWM signal
from the digital controller is often a 3.3-V logic signal, which is not capable of effectively turning on a power
switch. A level-shifting circuitry is needed to boost the 3.3-V signal to the gate-drive voltage (such as 12 V) to
fully turn on the power device and minimize conduction losses. Because traditional buffer-drive circuits based on
NPN/PNP bipolar transistors in totem-pole arrangement, being emitter-follower configurations, lack level-shifting
capability, the circuits prove inadequate with digital power.
Gate drivers effectively combine both the level-shifting and buffer-drive functions. Gate drivers can also perform
other tasks, such as minimizing the effect of high-frequency switching noise by locating the high-current driver
physically close to the power switch, driving gate-drive transformers and controlling floating power-device gates,
and reducing power dissipation and thermal stress in controllers by moving gate-charge power losses into itself.
Finally, emerging wide-bandgap power-device technologies, such as GaN based switches capable of supporting
very high switching frequency operation, are driving special requirements in terms of gate-drive capability. These
requirements include operation at low VDD voltages (5 V or lower), low propagation delays, and availability in
compact, low-inductance packages with good thermal capability. In summary, gate-driver devices are extremely
important components in switching power combining benefits of high-performance, low cost, component count
and board space reduction with a simplified system design.
8.2 Typical Application
Figure 24. Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com