Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5160APWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5160APWPR
Description  Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5160APWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5160APWPR Datasheet HTML 17Page - Texas Instruments LM5160APWPR Datasheet HTML 18Page - Texas Instruments LM5160APWPR Datasheet HTML 19Page - Texas Instruments LM5160APWPR Datasheet HTML 20Page - Texas Instruments LM5160APWPR Datasheet HTML 21Page - Texas Instruments LM5160APWPR Datasheet HTML 22Page - Texas Instruments LM5160APWPR Datasheet HTML 23Page - Texas Instruments LM5160APWPR Datasheet HTML 24Page - Texas Instruments LM5160APWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
0.47µF
C8
127k
R6
10.0k
R10
301k
R7
51.1k
R4
0.082µF
C13
0.01µF
C5
1000pF
C4
6.04K
R8
2.00k
R9
10µF
C11
10µF
C10
TP1
GND
GND
GND
GND
GND
GND
0
R3
1µF
C12
0.1µF
C9
GND
ISOGND
D1
DFLS1100-7
2.0k
R2
10µF
C1
10µF
C2
GND
2200pF
C3
1
2
J3
1
2
J1
1
2
J2
12VOUT
18-32VIN
0
R1
T1
750314597
GND
VOUTISO
VIN
2.2uF
C6
2.2uF
C7
VOUT
1
J4
8VOUT
AGND
1
PGND
2
VIN
3
EN/UVLO
4
RON
5
SS
6
FPWM
7
FB
8
VCC
9
BST
10
SW
11
SW
12
PAD
LM5160DNT
VSW (20 V/div)
iLIND (500 mA/div)
VOUT (5 V/div)
VSS (2 V/div)
Time = 50 µs/div)
21
LM5160A, LM5160
www.ti.com
SNVSA03C – OCTOBER 2014 – REVISED AUGUST 2016
Product Folder Links: LM5160A LM5160
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 26. Load Transient (300 mA – 1.5 A) at VIN = 24 V
With Type 3 Ripple Configuration
Figure 27. Output Short-Circuit at VIN = 48 V
8.2.2 LM5160 Isolated Fly-Buck (18-V to 32-V Input, 12-V, 4.5-W Isolated Output)
A typical application example for an isolated Fly-Buck converter operates over an input voltage range of 18 V to
32 V. It provides a stable 12-V isolated output voltage with output power capability of 4.5 W. The complete
schematic of the Fly-Buck application circuit is shown in Figure 28.
Figure 28. 12-V, 4.5-W Fly-Buck Schematic
8.2.2.1 LM5160 Fly-Buck Design Requirements
The LM5160 Fly-Buck application example is designed to operate from a 24-V DC supply with line variations
from 18 V to 32 V. This example provides a space-optimized and efficient 12-V isolated output solution with
secondary load current capability from 0 mA to 400 mA. The primary side remains unloaded in this application.
The switching frequency is set at 300 kHz (nominal). This design achieves greater than 88% peak efficiency.
Table 4. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
18 V - 32 V
Isolated output
12 V
Isolated load current range
0 mA to 400 mA
Nominal switching frequency
300 KHz
Peak Efficiency
88%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com