Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5160APWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5160APWPR
Description  Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5160APWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5160APWPR Datasheet HTML 3Page - Texas Instruments LM5160APWPR Datasheet HTML 4Page - Texas Instruments LM5160APWPR Datasheet HTML 5Page - Texas Instruments LM5160APWPR Datasheet HTML 6Page - Texas Instruments LM5160APWPR Datasheet HTML 7Page - Texas Instruments LM5160APWPR Datasheet HTML 8Page - Texas Instruments LM5160APWPR Datasheet HTML 9Page - Texas Instruments LM5160APWPR Datasheet HTML 10Page - Texas Instruments LM5160APWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LM5160A, LM5160
www.ti.com
SNVSA03C – OCTOBER 2014 – REVISED AUGUST 2016
Product Folder Links: LM5160A LM5160
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over TJ = –40°C to 125°C
(1)(2) for the LM5160,
LM5160A . Unless otherwise stated, VIN = 24 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ERROR CORRECTION AMPLIFIER & SOFT-START
GM
Error amp transconductance
FB = VREF (+/–) 10 mV
105
µA/V
IEA(Source)
Error amp source current
FB = 1 V, SS = 1 V
7.62
10.2
12.51
µA
IEA(Sink)
Error amp sink current
FB = 5 V, SS = 2.25 V
7.46
10
12.2
µA
V(SS-FB)
VSS – VFB clamp voltage
FB = 1.75 V, CSS= 1 nF
135
mV
ISS
Soft-start charging current
SS = 0.5 V
7.63
10.2
12.5
µA
ENABLE/UVLO
VUVLO (TH)
UVLO threshold
EN/UVLO rising
1.213
1.24
1.277
V
IUVLO(HYS)
UVLO hysteresis current
EN/UVLO = 1.4 V
15
20
25
µA
VSD(TH)
Shutdown mode threshold
EN/UVLO falling
0.28
0.35
V
VSD(HYS)
Shutdown threshold hysteresis
EN/UVLO rising
47
mV
THERMAL SHUTDOWN
TSD
Thermal shutdown threshold
175
°C
TSD(HYS)
Thermal shutdown hysteresis
20
°C
(1)
All minimum and maximum limits are specified by correlating the electrical characteristics to process and temperature variations and
applying statistical process control.
(1) All minimum and maximum limits are specified by correlating the electrical characteristics to process and temperature variations and
applying statistical process control.
(2) The junction temperature (TJ in °C) is calculated from the ambient temperature (TA in °C) and power dissipation (PD in Watts) as follows:
TJ = TA + (PD • RθJA) where RθJA (in °C/W) is the package thermal impedance provided in the Thermal Information section.
6.6 Switching Characteristics
(1)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over TJ = –40°C to 125°C for the LM5160,
LM5160A. Unless otherwise stated, VIN = 24 V.
MIN
TYP
MAX
UNIT
MINIMUM OFF-TIME
TOFF-MIN
Minimum OFF-Time, FB = 0 V
170
ns
ON-TIME GENERATOR
TON Test 1
VIN = 24 V, RON = 100 kΩ
312
428
520
ns
TON Test 2
VIN = 24 V, RON = 200 kΩ
625
818
1040
ns
TON Test 3
VIN = 8 V, RON = 100 kΩ
937
1247
1563
ns
TON Test 4
VIN = 65 V, RON = 100 kΩ
132
176
220
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com