Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7628JS Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7628JS
Description  5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7628JS Datasheet(HTML) 3 Page - Exar Corporation

  MP7628JS Datasheet HTML 1Page - Exar Corporation MP7628JS Datasheet HTML 2Page - Exar Corporation MP7628JS Datasheet HTML 3Page - Exar Corporation MP7628JS Datasheet HTML 4Page - Exar Corporation MP7628JS Datasheet HTML 5Page - Exar Corporation MP7628JS Datasheet HTML 6Page - Exar Corporation MP7628JS Datasheet HTML 7Page - Exar Corporation MP7628JS Datasheet HTML 8Page - Exar Corporation MP7628JS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP7628
3
Rev. 2.00
PIN OUT DEFINITIONS
1VDD
Power Supply
2VREFA
Reference Voltage for DAC A
3RFBA
Feedback Resistor for DAC A
4IOUT1A
Current Output 1 DAC A
5IOUT2A/
Current Output 2 DAC A/DAC B
IOUT2B
6IOUT1B
Current Output 1 DAC B
7RFBB
Feedback Resistor for DAC B
8VREFB
Reference Voltage for DAC B
9
DB0
Data Input Bit 0 (LSB)
10
DB1
Data Input Bit 1
11
DB2
Data Input Bit 2
12
DB3
Data Input Bit 3
13
DB4
Data Input Bit 4
14
DB5
Data Input Bit 5
15
DB6
Data Input Bit 6
16
DB7
Data Input Bit 7 (MSB)
17
A/B
DAC Selection
18
R/W
Read/Write
19
DS1
Control 1
20
DS2
Control 2
21
VREFD
Reference Voltage for DAC D
22
RFBD
Feedback Resistor for DAC D
23
IOUT1D
Current Output 1 DAC D
24
IOUT2C/
Current Output 2 DAC C/DAC D
IOUT2D
25
IOUT1C
Current Output 1 DAC C
26
RFBC
Feedback Resistor for DAC C
27
VREFC
Reference Voltage for DAC C
28
GND
Ground
PIN NO.
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com