Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7628JS Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7628JS
Description  5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7628JS Datasheet(HTML) 4 Page - Exar Corporation

  MP7628JS Datasheet HTML 1Page - Exar Corporation MP7628JS Datasheet HTML 2Page - Exar Corporation MP7628JS Datasheet HTML 3Page - Exar Corporation MP7628JS Datasheet HTML 4Page - Exar Corporation MP7628JS Datasheet HTML 5Page - Exar Corporation MP7628JS Datasheet HTML 6Page - Exar Corporation MP7628JS Datasheet HTML 7Page - Exar Corporation MP7628JS Datasheet HTML 8Page - Exar Corporation MP7628JS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP7628
4
Rev. 2.00
ELECTRICAL CHARACTERISTICS
(VDD = + 5 V, VREF = +10 V unless otherwise noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE1
FSR = Full Scale Range
Resolution (All Grades)
N
8
8
Bits
Integral Non-Linearity
INL
LSB
End Point Linearity Spec.
(Relative Accuracy)
J, A, S
+1/2
+1/2
K, B, T
+1/4
+1/4
Differential Non-Linearity
DNL
LSB
All grades monotonic over full
J, A, S
+1/2
+1/2
temperature range.
K, B, T
+1/4
+1/4
Gain Error
GE
% FSR
Using Internal RFB
J, A, S
+1.5
+1.8
Digital Inputs = VINH
K, B, T
+0.8
+0.9
Gain Temperature Coefficient2
TCGE
+2
ppm/
°C
∆Gain/∆Temperature
Power Supply Rejection Ratio
PSRR
+200
+400
ppm/%
|∆Gain/∆VDD| ∆VDD = + 5%
Digital Inputs = VINH
Output Leakage Current (all)
IOUT1
+50
+200
nA
Digital Inputs = VINL
REFERENCE INPUT
Voltage Range2
+20
+20
V
Input Resistance
RIN
12
28
12
28
k
Ω
DIGITAL INPUTS3
Logic Thresholds
VINH
2.4
2.4
V
VINL
0.8
0.8
V
Input Leakage Current
ILKG
+1+10
µA
Input Capacitance2
CIN
3pF
DATA BUS OUTPUTS
Output Capacitance2
COUT
7pF
Input Leakage Current
ILKG
+1+10
µA
ANALOG OUTPUTS
Propagation Delay2
500
750
ns
From digital input to 90% of
final analog output current
Output Capacitance2
COUT
120
pF
DAC Inputs all 1’s
COUT
80
pF
DAC Inputs all 0’s
Glitch Energy2
160
440
nVs
Typical for code transition from
all 0’s to all 1’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com