Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9302 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV9302
Description  VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9302 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV9302 Datasheet HTML 5Page - STMicroelectronics STV9302 Datasheet HTML 6Page - STMicroelectronics STV9302 Datasheet HTML 7Page - STMicroelectronics STV9302 Datasheet HTML 8Page - STMicroelectronics STV9302 Datasheet HTML 9Page - STMicroelectronics STV9302 Datasheet HTML 10Page - STMicroelectronics STV9302 Datasheet HTML 11Page - STMicroelectronics STV9302 Datasheet HTML 12Page - STMicroelectronics STV9302 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
STV9302A
Application Hints
4.3.1
Centring
When idle, both driver outputs provide icm and the yoke current should be null (R1 is negligible),
hence:
4.3.2
Peak Current
Scanning current should be IP when positive and negative driver outputs provide respectively
icm -ip and icm +ip, therefore
and since R7 = R2:
Choose R1 in the 1Ω range, the value of R2 = R7 follows. Remember that i is one-quarter of driver
peak-peak differential signal! Also check that the voltages on the driver outputs remain inside
allowed range.
q
Example: for icm = 0.4mA, i = 0.2mA (corresponding to 0.8mA of peak-peak differential
current), Ip =1A
Choose R1 = 0.75Ω, it follows R2 = R7 = 1.875kΩ.
4.3.3
Ripple Rejection
Make sure to connect R7 directly to the ground side of R1.
4.3.4
Secondary Breakdown Diagrams
The diagram has been arbitrarily limited to max VS (35 V) and max I0 (2 A).
Figure 8: Output Transistor Safe Operating Area (SOA) for Secondary Breakdown
i
cm
R
7
i
cm
R
2
therefore R
7
R
2
=
=
i
cm
i
() R
7
I
p
R
1
i
cm
i
+
() R
2
+
=
I
p
i
-----
2R
7
R
1
-----------
=
100
µs
10ms
100ms
0.01
0.1
1
10
10
60
100
Volts
@ Tcase=25°C
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com