Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9302 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV9302
Description  VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9302 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV9302 Datasheet HTML 7Page - STMicroelectronics STV9302 Datasheet HTML 8Page - STMicroelectronics STV9302 Datasheet HTML 9Page - STMicroelectronics STV9302 Datasheet HTML 10Page - STMicroelectronics STV9302 Datasheet HTML 11Page - STMicroelectronics STV9302 Datasheet HTML 12Page - STMicroelectronics STV9302 Datasheet HTML 13Page - STMicroelectronics STV9302 Datasheet HTML 14Page - STMicroelectronics STV9302 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package Mechanical Data
STV9302A
12/15
7
Package Mechanical Data
Figure 13: 7-pin Heptawatt Package
Table 1: Heptawatt Package
Dim.
mm
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.8
0.189
C
1.37
0.054
D
2.40
2.80
0.094
0.110
D1
1.20
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
E1
0.70
0.97
0.028
0.038
F
0.60
0.80
0.024
0.031
G
2.34
2.54
2.74
0.095
0.100
0.105
G1
4.88
5.08
5.28
0.193
0.200
0.205
G2
7.42
7.62
7.82
0.295
0.300
0.307
H2
10.40
0.409
H3
10.05
10.40
0.396
0.409
L
16.70
16.90
17.10
0.657
0.668
0.673
A
L
L1
C
D1
L5
L2
L3
D
E
M1
M
H3
Dia.
L7
L11
L10
L6
H2
F
GG1
G2
E1
F
E
L9
V4
L4
H2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com