Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP159 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEP159
Description  SMD Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP159 Datasheet(HTML) 1 Page - Sumida Corporation

  CDEP159 Datasheet HTML 1Page - Sumida Corporation CDEP159 Datasheet HTML 2Page - Sumida Corporation CDEP159 Datasheet HTML 3Page - Sumida Corporation CDEP159 Datasheet HTML 4Page - Sumida Corporation CDEP159 Datasheet HTML 5Page - Sumida Corporation CDEP159 Datasheet HTML 6Page - Sumida Corporation CDEP159 Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
Revised: 18-Jul-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP159
Description
• Ferrite core construction.
• Magnetically shielded.
• L
×W×H: 15.5×15.4×10.0 mm Max.
• Product weight::6.5g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+150℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+125℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 13.0”diameter reel
• 250pcs per reel
Applications
• Ideally used in personal computer CPU
power supply.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
2-
2.
30
±
0.
2
2.
1±
0.
2
9.
0
10.0 Max.
15.0±0.5
15
.0
±
0.
4
5.0
5.7
②
①
③
2.
4
5.4
6.
0
12
.0
16.0
4.7


Similar Part No. - CDEP159

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP15D90 SUMIDA-CDEP15D90 Datasheet
676Kb / 4P
Low-Profile High Current Power Inductor
CDEP15D90T150 SUMIDA-CDEP15D90T150 Datasheet
595Kb / 6P
Low-Profile High Current Power Inductor
CDEP15D90T150NP-0R5MC-125 SUMIDA-CDEP15D90T150NP-0R5MC-125 Datasheet
595Kb / 6P
Low-Profile High Current Power Inductor
CDEP15D90T150NP-100MC-100 SUMIDA-CDEP15D90T150NP-100MC-100 Datasheet
676Kb / 4P
Low-Profile High Current Power Inductor
CDEP15D90T150NP-100MC-100 SUMIDA-CDEP15D90T150NP-100MC-100 Datasheet
595Kb / 6P
Low-Profile High Current Power Inductor
More results

Similar Description - CDEP159

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com