Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP159 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP159
Description  SMD Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP159 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP159 Datasheet HTML 1Page - Sumida Corporation CDEP159 Datasheet HTML 2Page - Sumida Corporation CDEP159 Datasheet HTML 3Page - Sumida Corporation CDEP159 Datasheet HTML 4Page - Sumida Corporation CDEP159 Datasheet HTML 5Page - Sumida Corporation CDEP159 Datasheet HTML 6Page - Sumida Corporation CDEP159 Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
Revised: 18-Jul-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP159
Electrical Characteristics 1 - High power type
Electrical Characteristics 2 – Standard type
Electrical Characteristics
7.5
5.5
8.2
17.8
±20%
22.0
±20%
220MH
CDEP159NP-220MC-110
8.0
5.8
8.7
14.0
±20%
18.0
±20%
180MH
CDEP159NP-180MC-110
8.5
6.3
9.4
12.5
±20%
15.0
±20%
150MH
CDEP159NP-150MC-110
9.5
6.8
10.4
10.0
±20%
13.0
±20%
130MH
CDEP159NP-130MC-110
10.0
7.5
11.2
8.3
±20%
10.0
±20%
100MH
CDEP159NP-100MC-110
10.5
8.4
12.8
7.2
±20%
8.2
±20%
8R2MH
CDEP159NP-8R2MC-110
11.5
9.4
14.1
5.5
±20%
6.8
±20%
6R8MH
CDEP159NP-6R8MC-110
14.0
10.8
16.2
4.1
±20%
5.4
±20%
5R4MH
CDEP159NP-5R4MC-110
15.5
12.9
19.2
3.1
±20%
3.9
±20%
3R9MH
CDEP159NP-3R9MC-110
18.0
15.3
22.8
2.3
±20%
2.7
±20%
2R7MH
CDEP159NP-2R7MC-110
20.5
18.8
28.4
1.85
±20%
1.8
±20%
1R8MH
CDEP159NP-1R8MC-110
24.0
24.4
36.0
1.55
±20%
1.0
±20%
1R0MH
CDEP159NP-1R0MC-110
(at 150
℃)
(at 20
℃)
Temperature
Rise current
(
A) ※3
(
△T=25℃)
The saturation
current
(A)※2
D.C.R.
(m
Ω)
[Within]
(at 20
℃)
Inductance
(
μH)
[Within
]
※1
Stamp
Part No.
7.5
4.5
6.6
17.8
±20%
27.0
±20%
270MS
CDEP159NP-270MC-130
8.0
5.0
7.3
14.0
±20%
22.0
±20%
220MS
CDEP159NP-220MC-130
8.5
5.3
7.7
12.5
±20%
18.0
±20%
180MS
CDEP159NP-180MC-130
9.5
5.8
8.5
10.0
±20%
15.0
±20%
150MS
CDEP159NP-150MC-130
10.0
6.5
9.7
8.3
±20%
13.0
±20%
130MS
CDEP159NP-130MC-130
10.5
7.1
10.4
7.2
±20%
10.0
±20%
100MS
CDEP159NP-100MC-130
11.5
8.0
11.6
5.5
±20%
8.2
±20%
8R2MS
CDEP159NP-8R2MC-130
14.0
9.0
13.2
4.1
±20%
6.4
±20%
6R4MS
CDEP159NP-6R4MC-130
15.5
10.5
15.3
3.1
±20%
4.7
±20%
4R7MS
CDEP159NP-4R7MC-130
18.0
12.7
18.8
2.3
±20%
3.3
±20%
3R3MS
CDEP159NP-3R3MC-130
20.5
15.3
23.1
1.85
±20%
2.2
±20%
2R2MS
CDEP159NP-2R2MC-130
24.0
20.8
30.4
1.55
±20%
1.2
±20%
1R2MS
CDEP159NP-1R2MC-130
(at 150
℃)
(at 20
℃)
Temperature
Rise current
(
A) ※4
(
△T=25℃)
The saturation
current
(A)※3
D.C.R.
(m
Ω)
[Within]
(at 20
℃)
Inductance
(
μH)
[Within
]
※2
Stamp
Part No.
※1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com