Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0630CDMCCDS-R24MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # 0630CDMCCDS-R24MC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0630CDMCCDS-R24MC Datasheet(HTML) 3 Page - Sumida Corporation

  0630CDMCCDS-R24MC Datasheet HTML 1Page - Sumida Corporation 0630CDMCCDS-R24MC Datasheet HTML 2Page - Sumida Corporation 0630CDMCCDS-R24MC Datasheet HTML 3Page - Sumida Corporation 0630CDMCCDS-R24MC Datasheet HTML 4Page - Sumida Corporation 0630CDMCCDS-R24MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Power Inductor
0630CDMCC/DS
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
8
16
24
32
40
0
10
20
30
40
50
60
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
8
16
24
32
40
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
8
16
24
32
40
0
10
20
30
40
50
60
0.2
0.3
0.4
0.5
0.6
20
30
40
50
60
0.30
0.45
0.60
0.75
0.90
20
30
40
50
60
0.30
0.45
0.60
0.75
0.90
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. 0630CDMCCDS-R22MC
△T (℃)
L (µH)
2. 0630CDMCCDS-R24MC
△T (℃)
L (µH)
3. 0630CDMCCDS-R33MC
L (µH)
5. 0630CDMCCDS-R56MC
△T (℃)
L (µH)
6. 0630CDMCCDS-R68MC
4. 0630CDMCCDS-R47MC
△T (℃)
DC (A)
DC (A)
DC (A)
△T (℃)
L (µH)
△T (℃)
L (µH)
L (20
℃)
△T
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0
3
6
9
12
15
0
10
20
30
40
50
60
Page 3 of 5
Revised: 17-Jul-15
0.0
0.1
0.2
0
5
10
15
20
25
30
0
10
20
0.00
0.15
0.30
0
5
10
15
20
25
0
10
20
0.00
0.15
0.30
0
5
10
15
20
25
0
10
20
0.00
0.15
0.30
0.45
0.60
0.75
0.90
0
5
10
15
20
25
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
4
8
12
16
20
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
4
8
12
16
20
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
4
8
12
16
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
2
4
6
8
0
10
20
30
40
50
60
DC (A)
7. 0630CDMCCDS-R82MC
△T (℃)
L (µH)
8. 0630CDMCCDS-1R0MC
△T (℃)
L (µH)
DC (A)
DC (A)
DC (A)
9. 0630CDMCCDS-1R5MC
△T (℃)
L (µH)
DC (A)
DC (A)
10. 0630CDMCCDS-2R2MC
△T (℃)
L (µH)
11. 0630CDMCCDS-3R3MC
△T (℃)
L (µH)
DC (A)
DC (A)
12. 0630CDMCCDS-4R7MC
△T (℃)
L (µH)
DC (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com