Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0630CDMCCDS-R24MC Datasheet(PDF) 4 Page - Sumida Corporation

Part # 0630CDMCCDS-R24MC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0630CDMCCDS-R24MC Datasheet(HTML) 4 Page - Sumida Corporation

  0630CDMCCDS-R24MC Datasheet HTML 1Page - Sumida Corporation 0630CDMCCDS-R24MC Datasheet HTML 2Page - Sumida Corporation 0630CDMCCDS-R24MC Datasheet HTML 3Page - Sumida Corporation 0630CDMCCDS-R24MC Datasheet HTML 4Page - Sumida Corporation 0630CDMCCDS-R24MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Power Inductor
0630CDMCC/DS
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
2
4
6
8
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
1
2
3
4
5
6
0
10
20
30
40
50
60
6
9
12
15
18
20
30
40
50
60
8
12
16
20
24
20
30
40
50
60
Saturation Current & Temperature Rise Graph
13. 0630CDMCCDS-6R8MC △T (℃)
L (µH)
14. 0630CDMCCDS-8R2MC △T (℃)
L (µH)
15. 0630CDMCCDS-100MC
L (µH)
17. 0630CDMCCDS-220MC
△T (℃)
DC (A)
DC (A)
DC (A)
△T (℃)
L (µH)
L (20
℃)
△T
L (µH)
△T (℃)
16. 0630CDMCCDS-150MC
Page 4 of 5
Revised: 17-Jul-15
0
3
6
0
1
2
3
4
5
0
10
20
0
4
8
0
1
2
3
4
5
0
10
20
DC (A)
DC (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com