Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR77129 Datasheet(PDF) 21 Page - Exar Corporation

Part # XR77129
Description  40V Quad Output Digital PWM/PFM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR77129 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR77129 Datasheet HTML 17Page - Exar Corporation XR77129 Datasheet HTML 18Page - Exar Corporation XR77129 Datasheet HTML 19Page - Exar Corporation XR77129 Datasheet HTML 20Page - Exar Corporation XR77129 Datasheet HTML 21Page - Exar Corporation XR77129 Datasheet HTML 22Page - Exar Corporation XR77129 Datasheet HTML 23Page - Exar Corporation XR77129 Datasheet HTML 24Page - Exar Corporation XR77129 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© 2014 Exar Corporation
XR77129
21 / 28
exar.com/XR77129
Rev 1A
When the OVP level is reached and the fault is generated,
the host will be notified by the SUPPLY_FAULT_EVENT
interrupt generated by the controller. The host then can use
an I2C command to check which channel is at fault.
In addition, OVP fault can be monitored through any I/O.
A user can choose one of three options in response to an
OVP event: to shutdown the faulting channel, to shut down
faulting channel and to perform auto-restart of the channel,
or to restart the chip.
Choosing the “Restart Chip” option during development is
not recommended as it makes debug efforts difficult.
For the case of Shutdown and Auto-restart Channel, the
user has an option to specify startup timeout (the time in
which the fault is validated) and hiccup timeout (the period
after which the controller will try to restart the channel) peri-
ods in 1 ms increments with a maximum value of 255 ms.
Note: The Channel Fault Action response is the same for
an OVP or OCP event.
OCP
A user defined OCP fault level is set with 10mA increments
in PA 5.2. PA 5.2 uses calculations to give the user the
approximate DC output current entered in the current limit
field. However, the actual current limit trip value pro-
grammed into the part is limited to 280mV as defined in the
electrical characteristics. The maximum value the user can
program is limited by RDSON of the synchronous Power
FET and current monitoring ADC range. For example, using
a synchronous FET with RDSON of 30mΩ and the wider
ADC range, the maximum current limit programmed would
be:
XR77129 samples current approximately 30ns before the
synchronous FET turns off, so the actual measured DC out-
put current in this example would be 9.33A plus approxi-
mately half the inductor ripple.
The output current reported by the XR77129 is processed
through a seven sample median filter in order to reduce
noise.
When the OCP level is reached and the fault is generated,
the host will be notified by the SUPPLY_FAULT_EVENT
interrupt generated by the controller. The host then can use
an I2C command to check which channel is at fault.
In addition, OCP fault can be monitored through HW Flags
on GPIO0. The host can also monitor OCP warning flag
through HW Flags on GPIO0. The OCP warning level is
calculated by PA 5.2 as 85% of the OCP fault level.
A user can choose one of three options in response to an
OCP event: shut down the faulting channel, shut down the
faulting channel and perform auto-restart of the channel, or
restart the chip.
Choosing the “Restart Chip” option during development is
not recommended as it makes debug efforts difficult.
For the case of Shutdown and Auto-restart Channel, the
user has an option to specify startup timeout (the time in
which the fault is validated) and hiccup timeout (the period
after which the controller will try to restart the channel) peri-
ods in 1 ms increments with a maximum value of 255 ms.
Note: The Channel Fault Action response is the same for
an OCP or OVP event.
Start-up Time-out Fault
A channel will be at Startup Timeout Fault if it does not
come up in the time period specified in the “Startup Time-
out” box.
When the fault is generated, the host will be notified by the
SUPPLY_FAULT_EVENT interrupt generated by the con-
OCP Max (A)
280mV
30m
-----------------
9.33A
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com