Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR77129 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR77129
Description  40V Quad Output Digital PWM/PFM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR77129 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR77129 Datasheet HTML 3Page - Exar Corporation XR77129 Datasheet HTML 4Page - Exar Corporation XR77129 Datasheet HTML 5Page - Exar Corporation XR77129 Datasheet HTML 6Page - Exar Corporation XR77129 Datasheet HTML 7Page - Exar Corporation XR77129 Datasheet HTML 8Page - Exar Corporation XR77129 Datasheet HTML 9Page - Exar Corporation XR77129 Datasheet HTML 10Page - Exar Corporation XR77129 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
© 2014 Exar Corporation
XR77129
7 / 28
exar.com/XR77129
Rev 1A
Pin Configuration
Pin Assignments
Pin No.
Pin Name
Description
1
LDOOUT
Output of the standby LDO. This is a micro power LDO that needs to be configured or com-
manded to turn on.
2
AGND
Analog ground pin. This is the small signal ground connection.
3
CPLL
Connect to a 2.2nF capacitor to GND.
4
AVDD
Output of the internal 1.8V LDO. A decoupling capacitor should be placed between AVDD and
AGND close to the chip.
5, 6, 7, 8
VOUT1, VOUT2, VOUT3, VOUT4
Connect to the output of the corresponding power stage.The output is sampled at least once
every switching cycle.
9,10
GPIO0, GPIO1
These pins can be configured as inputs or outputs to implement custom flags, power good sig-
nals, enable/disable controls and synchronization to an external clock.
11, 12
SDA, SCL
SMBus/I2C serial interface communication pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com