Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-40408N Datasheet(PDF) 1 Page - CUI INC

Part # CSS-40408N
Description  440 Hz resonant frequency
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CSS-40408N Datasheet(HTML) 1 Page - CUI INC

  CSS-40408N Datasheet HTML 1Page - CUI INC CSS-40408N Datasheet HTML 2Page - CUI INC CSS-40408N Datasheet HTML 3Page - CUI INC CSS-40408N Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 06/24/2016
page 1 of 4
cui.com
MODEL: CSS-40408N
│ DESCRIPTION: SPEAKER
FEATURES
• 100 dB SPL
• 440 Hz resonant frequency
• Nd-Fe-B magnet
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
maximum power: IEC-60268-5, filter 60s on/120s
off, 10 cycles at room temp
5.0
8.0
W
impedance
at 1.0 kHz
6.8
8
9.2
Ω
resonant frequency (Fo)
at 1.0 V
352
440
528
Hz
frequency response
output SPL -10 dB
Fo
20,000
Hz
sound pressure level
at 1 W, 0.1 m ave, at 0.6, 0.8, 1.0, 1.2 kHz
97
100
103
dB
distortion
at 1.0 kHz, 1 W
5
%
buzz, rattle, etc.
must be normal at sine wave between
Fo ~ 20,000 Hz
6.32
V
dimensions
40.1 x 40.1 x 14.5
mm
magnet
Nd-Fe-B
material
ABS777D
cone material
mylar
terminal
solder terminals
weight
44
g
operating temperature
-20
60
°C
storage temperature
-40
70
°C
RoHS
2011/65/EU
Notes:
1. All specifications measured at 15~35°C, humidity at 45~85%, under 86~106 kPa pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for 3 ±1 seconds
360
370
380
°C
For more information, please visit the product page.


Similar Part No. - CSS-40408N

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CSS-40408N CUID-CSS-40408N Datasheet
1Mb / 5P
SPEAKER
08/05/2022
More results

Similar Description - CSS-40408N

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS-23558N-L152 CUI-CMS-23558N-L152 Datasheet
367Kb / 4P
550 Hz resonant frequency
CMS-25148N CUI-CMS-25148N Datasheet
480Kb / 4P
1050 Hz resonant frequency
CMS-28528N-L152 CUI-CMS-28528N-L152 Datasheet
411Kb / 4P
750 Hz resonant frequency
CMS-35208N CUI-CMS-35208N Datasheet
1Mb / 4P
720 Hz resonant frequency
CMS-40208N CUI-CMS-40208N Datasheet
389Kb / 4P
650 Hz resonant frequency
CMS-40288N CUI-CMS-40288N Datasheet
1,020Kb / 4P
550 Hz resonant frequency
CMS-40504N-L152 CUI-CMS-40504N-L152 Datasheet
443Kb / 4P
500 Hz resonant frequency
CMS-40558N-L152 CUI-CMS-40558N-L152 Datasheet
551Kb / 4P
500 Hz resonant frequency
CSS-50508N CUI-CSS-50508N Datasheet
1Mb / 4P
380 Hz resonant frequency
CSS-66668N CUI-CSS-66668N Datasheet
420Kb / 4P
200 Hz resonant frequency
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com