Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM63 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM63
Description  Accurate Remote Diode Digital Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM63 Datasheet(HTML) 2 Page - Texas Instruments

  LM63 Datasheet HTML 1Page - Texas Instruments LM63 Datasheet HTML 2Page - Texas Instruments LM63 Datasheet HTML 3Page - Texas Instruments LM63 Datasheet HTML 4Page - Texas Instruments LM63 Datasheet HTML 5Page - Texas Instruments LM63 Datasheet HTML 6Page - Texas Instruments LM63 Datasheet HTML 7Page - Texas Instruments LM63 Datasheet HTML 8Page - Texas Instruments LM63 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
KEY SPECIFICATIONS
•
Remote Diode Temp Accuracy (with quantization error)
Ambient Temp
Diode Temp
IPWML Max
Version
Max Error
30 to 50°C
60 to 100°C
5 mA
LM63C
±1.0°C
30 to 50°C
60 to 100°C
5 mA
LM63D
±3.0°C
0 to 85°C
25 to 125°C
8 mA
All
±3.0°C
•
Local Temp Accuracy (includes quantization error)
Ambient Temp
Max Error
25°C to 125°C
±3.0°C
•
Supply Voltage: 3.0 V to 3.6 V
•
Supply Current: 1.3 mA (typ)
PIN DESCRIPTIONS
PIN
NAME
INPUT/OUTPUT
FUNCTION AND CONNECTION
Connect to a low-noise +3.3 ± 0.3 VDC power supply, and bypass to GND with a
1
VDD
Power Supply Input
0.1 µF ceramic capacitor in parallel with a 100 pF ceramic capacitor. A bulk
capacitance of 10 µF needs to be in the vicinity of the LM63's VDD pin.
Connect to the anode (positive side) of the remote diode. A 2.2 nF ceramic capacitor
2
D+
Analog Input
must be connected between pins 2 and 3.
Connect to the cathode (negative side) of the remote diode. A 2.2 nF ceramic capacitor
3
D
−
Analog Input
must be connected between pins 2 and 3.
Open-Drain
Open-Drain Digital Output. Connect to fan drive circuitry. The power-on default for this
4
PWM
Digital Output
pin is low (pin 4 pulled to ground).
5
GND
Ground
This is the analog and digital ground return.
Depending on how the LM63 is programmed, this pin is either an open-drain ALERT
6
ALERT/TACH
Digital I/O
output or a tachometer input for measuring fan speed. The power-on default for this pin
is the ALERT function.
Digital Input/
7
SMBDAT
This is the bi-directional SMBus data line.
Open-Drain Output
8
SMBCLK
Digital Input
Digital Input. This is the SMBus clock input.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com