Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM63 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM63
Description  Accurate Remote Diode Digital Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM63 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM63 Datasheet HTML 9Page - Texas Instruments LM63 Datasheet HTML 10Page - Texas Instruments LM63 Datasheet HTML 11Page - Texas Instruments LM63 Datasheet HTML 12Page - Texas Instruments LM63 Datasheet HTML 13Page - Texas Instruments LM63 Datasheet HTML 14Page - Texas Instruments LM63 Datasheet HTML 15Page - Texas Instruments LM63 Datasheet HTML 16Page - Texas Instruments LM63 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
LM63
www.ti.com
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
POWER-ON RESET (POR) DEFAULT STATES
For information on the POR default states, see REGISTER MAP IN FUNCTIONAL ORDER.
TEMPERATURE DATA FORMAT
Temperature data can only be read from the Local and Remote Temperature registers. The High, Low and
T_CRIT setpoint registers are Read/Write.
Remote temperature data is represented by an 11-bit, two's complement word with a Least Significant Bit (LSB)
equal to 0.125°C. The data format is a left justified 16-bit word available in two 8-bit registers:
DIGITAL OUTPUT
TEMPERATURE
BINARY
HEX
+125°C
0111 1101 0000 0000
7D00
+25°C
0001 1001 0000 0000
1900
+1°C
0000 0001 0000 0000
0100
+0.125°C
0000 0000 0010 0000
0020
0°C
0000 0000 0000 0000
0000
−0.125°C
1111 1111 1110 0000
FFE0
−1°C
1111 1111 0000 0000
FF00
−25°C
1110 0111 0000 0000
E700
−55°C
1100 1001 0000 0000
C900
Local Temperature data is represented by an 8-bit, two's complement byte with an LSB equal to 1°C:
DIGITAL OUTPUT
TEMPERATURE
BINARY
HEX
+125°C
0111 1101
7D
+25°C
0001 1001
19
+1°C
0000 0001
01
0°C
0000 0000
00
−1°C
1111 1111
FF
−25°C
1110 0111
E7
−55°C
1100 1001
C9
OPEN-DRAIN OUTPUTS
The SMBDAT, ALERT, and PWM outputs are open-drain outputs and do not have internal pullups. A “High” level
will not be observed on these pins until pullup current is provided by an internal source, typically through a pullup
resistor. Choice of resistor value depends on several factors but, in general, the value should be as high as
possible consistent with reliable operation. This will lower the power dissipation of the LM63 and avoid
temperature errors caused by self-heating of the device. The maximum value of the pullup resistor to provide the
2.1 V high level is 88.7 k
Ω.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com