Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C669 Datasheet(PDF) 13 Page - SMSC Corporation

Part # FDC37C669
Description  PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C669 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button FDC37C669 Datasheet HTML 9Page - SMSC Corporation FDC37C669 Datasheet HTML 10Page - SMSC Corporation FDC37C669 Datasheet HTML 11Page - SMSC Corporation FDC37C669 Datasheet HTML 12Page - SMSC Corporation FDC37C669 Datasheet HTML 13Page - SMSC Corporation FDC37C669 Datasheet HTML 14Page - SMSC Corporation FDC37C669 Datasheet HTML 15Page - SMSC Corporation FDC37C669 Datasheet HTML 16Page - SMSC Corporation FDC37C669 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 164 page
background image
13
DESCRIPTION OF PIN FUNCTIONS
QFP/
TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
63-66
68-71
Port Data
PD0-PD7
I/O24
The bi-directional parallel data bus is used
to transfer information between CPU and
peripherals.
100
IOCHRDY
IOCHRDY
OD24P
In EPP mode, this pin is pulled low to
extend the read/write command. This pin
has an internal pull-up.
IDE/ALT IR PINS
24
nIDE Enable
Interrupt
Request H
nIDEEN
IRQ_H
O24P
(Note 1)
024
OD24
This active low signal is active when the IDE
is enabled and the I/O address is accessing
an IDE register.
The interrupt request from a logical device
or IRQIN may be output on the IRQH signal.
Refer to the configuration registers for more
information.
If EPP or ECP Mode is enabled, this output
is pulsed low, then released to allow sharing
of interrupts.
25
nIDE Chip
Select 0
IRRX2
nHDCS0
IRRX2
O24P
(Note 1)
I
This
is
the
Hard
Disk
Chip
select
corresponding to the eight control block
addresses.
Alternate IR Receive input
26
nIDE Chip
Select 1
IR Transmit 2
nHDCS1
IRTX2
O24P
(Note 1)
O24P
This
is
the
Hard
Disk
Chip
select
corresponding
to
the
alternate
status
register.
Alternate IR transmit output
MISCELLANEOUS
20
CLOCK 14
CLK14
ICLK
The external connection to a single source
14.318 MHz clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com