Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C669 Datasheet(PDF) 38 Page - SMSC Corporation

Part # FDC37C669
Description  PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C669 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button FDC37C669 Datasheet HTML 34Page - SMSC Corporation FDC37C669 Datasheet HTML 35Page - SMSC Corporation FDC37C669 Datasheet HTML 36Page - SMSC Corporation FDC37C669 Datasheet HTML 37Page - SMSC Corporation FDC37C669 Datasheet HTML 38Page - SMSC Corporation FDC37C669 Datasheet HTML 39Page - SMSC Corporation FDC37C669 Datasheet HTML 40Page - SMSC Corporation FDC37C669 Datasheet HTML 41Page - SMSC Corporation FDC37C669 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 164 page
background image
38
PS/2 mode - (IDENT low, MFM high)
This mode supports the PS/2 models 50/60/80
configuration and register set. The DMA bit of
the DOR becomes a "don't care", (FINTR and
DRQ are always valid), TC and DENSEL
become active low.
Model 30 mode - (IDENT low, MFM low)
This
mode
supports
PS/2
Model
30
configuration and register set. The DMA enable
bit of ther DOR becomes valid (FINTR and DRQ
can be hi Z), TC is active high and DENSEL is
active low.
DMA TRANSFERS
DMA transfers are enabled with the Specify
command and are initiated by the FDC by
activating the FDRQ pin during a data transfer
command.
The FIFO is enabled directly by
asserting nDACK and addresses need not be
valid.
Note that if the DMA controller (i.e. 8237A) is
programmed to function in verify mode, a
pseudo read is performed by the FDC based
only on nDACK.
This mode is only available
when the FDC
has been configured into byte
mode (FIFO disabled) and is programmed to do
a read.
With the FIFO enabled, the FDC can
perform the above operation by using the new
Verify command; no DMA operation is needed.
CONTROLLER PHASES
For simplicity, command handling in the FDC
can be divided into three phases: Command,
Execution, and Result. Each phase is described
in the following sections.
Command Phase
After a reset, the FDC enters the command
phase and is ready to accept a command from
the host. For each of the commands, a defined
set of command code bytes and parameter
bytes has to be written to the FDC before the
command phase is complete. (Please refer to
Table 18 for the command set descriptions).
These bytes of data must be transferred in the
order prescribed.
Before writing to the FDC, the host must
examine the RQM and DIO bits of the Main
Status Register. RQM and DIO must be equal
to "1" and "0" respectively before command
bytes may be written. RQM is set false by the
FDC after each write cycle until the received
byte is processed. The FDC asserts RQM again
to request each parameter byte of the command
unless
an
illegal
command
condition
is
detected.
After the last parameter byte is
received, RQM remains "0" and the FDC
automatically enters the next phase as defined
by the command definition.
The FIFO is disabled during the command
phase to provide for the proper handling of the
"Invalid Command" condition.
Execution Phase
All data transfers to or from the FDC occur
during the execution phase, which can proceed
in DMA or non-DMA mode as indicated in the
Specify command.
After a reset, the FIFO is disabled. Each data
byte is transferred by an FINT or FDRQ
depending on the DMA mode.
The Configure
command can enable the FIFO and set the
FIFO threshold value.
The following paragraphs detail the operation of
the FIFO flow control.
In these descriptions,
<threshold> is defined as the number of bytes
available to the FDC when service is requested
from the host and ranges from 1 to 16.
The
parameter FIFOTHR, which the user programs,
is one less and ranges from 0 to 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com