Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM565 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM565
Description  Phase Locked Loop
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM565 Datasheet(HTML) 1 Page - Texas Instruments

  LM565 Datasheet HTML 1Page - Texas Instruments LM565 Datasheet HTML 2Page - Texas Instruments LM565 Datasheet HTML 3Page - Texas Instruments LM565 Datasheet HTML 4Page - Texas Instruments LM565 Datasheet HTML 5Page - Texas Instruments LM565 Datasheet HTML 6Page - Texas Instruments LM565 Datasheet HTML 7Page - Texas Instruments LM565 Datasheet HTML 8Page - Texas Instruments LM565 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
OBSOLETE
LM565, LM565C
www.ti.com
SNOSBU1B – MAY 1999 – REVISED APRIL 2013
LM565/LM565C Phase Locked Loop
Check for Samples: LM565, LM565C
1
FEATURES
DESCRIPTION
The LM565 and LM565C are general purpose phase
2
•
200 ppm/°C Frequency Stability of the VCO
locked loops containing a stable, highly linear voltage
•
Power Supply Range of ±5 to ±12 Volts with
controlled
oscillator
for
low
distortion
FM
100 ppm/% Typical
demodulation, and a double balanced phase detector
•
0.2% Linearity of Demodulated Output
with good carrier suppression. The VCO frequency is
set with an external resistor and capacitor, and a
•
Linear Triangle Wave with in Phase Zero
tuning range of 10:1 can be obtained with the same
Crossings Available
capacitor. The characteristics of the closed loop
•
TTL and DTL Compatible Phase Detector Input
system—bandwidth, response speed, capture and
and Square Wave Output
pull in range—may be adjusted over a wide range
with an external resistor and capacitor. The loop may
•
Adjustable Hold in Range from ±1% to > ±60%
be broken between the VCO and the phase detector
for insertion of a digital frequency divider to obtain
APPLICATIONS
frequency multiplication.
•
Data and Tape Zynchronization
The LM565H is specified for operation over the
•
Modems
−55°C to +125°C military temperature range. The
•
FSK Demodulation
LM565CN is specified for operation over the 0°C to
+70°C temperature range.
•
FM Demodulation
•
Frequency Synthesizer
•
Tone Decoding
•
Frequency Multiplication and Division
•
SCA Demodulators
•
Telemetry Receivers
•
Signal Regeneration
•
Coherent Demodulators
Connection Diagram
TO-100 Package
See Package Number LME
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM565

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM565 NSC-LM565 Datasheet
432Kb / 11P
Phase Locked Loop
LM565CN NSC-LM565CN Datasheet
432Kb / 11P
Phase Locked Loop
LM565H NSC-LM565H Datasheet
432Kb / 11P
Phase Locked Loop
More results

Similar Description - LM565

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com