Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2D15 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2D15
Description  General Purpose Type Distance Measuring Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2D15 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2D15 Datasheet HTML 1Page - Sharp Corporation GP2D15 Datasheet HTML 2Page - Sharp Corporation GP2D15 Datasheet HTML 3Page - Sharp Corporation GP2D15 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP2D12/GP2D15
Fig.5 Analog Output Voltage vs. Surface
Illuminance of Reflective Object
Fig.4 Distance Characteristics
Fig.6 Analog Output Voltage vs.Distance to
Reflective Object
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
L
H
H
L
Hystersis width
Distance to reflective object L (cm)
(Non detection)
(Detection)
Output H
Output L
Output switching point distance
L
=24±3cm
GP2D15
Surface illuminance of reflective object (lx)
0
3.0
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
14000
12000
10000
4000
8000
2000
6000
Light source
equivalent to
sun light
GP2D12
Reflective object
Kodak Co., Ltd.
gray cards R-27
(reflective ratio : 90%)
L
=10cm
L
=30cm
L
=60cm
GP2D12
illuminance
meter
Draft
Reflectivity
White
90%
Gray
18%
Distance to reflective object L (cm)
0
50
80
60
70
40
30
20
10
0
3.0
2.8
2.4
2.0
1.6
1.2
0.8
0.4
White
Gray
GP2D12
Fig.7 Analog Output Voltage vs.Ambient
Temperature
Fig.8 Analog Output Voltage vs.Detection
Distance
30
90
40
70
50 60
80
0
−10
10
−20
20
0
3.0
2.8
2.4
2.0
1.6
1.2
0.8
0.4
Ambient temperature Ta (°C)
L
=10cm
L
=15cm
L
=20cm
L
=50cm
L
=40cm
L
=30cm
L
=60cm
L
=70cm
L
=80cm
GP2D12
−3
5
2
3
−1
4
0
−4
1
−5
−2
0
3.0
2.8
2.4
2.0
1.6
1.2
0.8
0.4
Detection distance X (cm)
L(Distance to
reflective object)
Kodak Co., Ltd. gray cards R-27
(reflective ratio : 90%)
Sensor
GP2D12
X(Detection
distance)
−X(Detection
distance)
L
=10cm
L
=20cm
L
=30cm
L
=40cm
L
=80cm
GP2D12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com