Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2D15 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2D15
Description  General Purpose Type Distance Measuring Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2D15 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2D15 Datasheet HTML 1Page - Sharp Corporation GP2D15 Datasheet HTML 2Page - Sharp Corporation GP2D15 Datasheet HTML 3Page - Sharp Corporation GP2D15 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP2D12/GP2D15
GP2D12/GP2D15
s Absolute Maximum Ratings
s Outline Dimensions
(Unit : mm)
General Purpose Type Distance
Measuring Sensors
1. TVs
2. Personal computers
3. Cars
4. Copiers
s Features
s Applications
1. Less influence on the color of reflective objects, reflectivity
2. Line-up of distance output/distance judgement type
Distance output type (analog voltage) : GP2D12
Detecting distance : 10 to 80cm
Distance judgement type : GP2D15
Judgement distance : 24cm
(Adjustable within the range of 10 to 80cm)
3. External control circuit is unnecessary
4. Low cost
Parameter
Symbol
Rating
Unit
VCC
−0.3 to +7
V
VO
−0.3 to Vcc +0.3
V
°C
Topr
−10 to +60
−40 to +70
°C
Tstg
Supply voltage
Output terminal voltage
Operating temperature
Storage temperature
(Ta
=25°C, Vcc=5V)
R3.75
R3.75
3.75
10.1
14.75
16.3
4.15
7.5
φ3.2 hole
φ3.2 hole
6.3
2
37
29.5
520
±0.1
54.5
Light detector side
PWB
Lens case
1.2
3.3
Connector
Made by
J.S.T. MFG,
CO., LTD.
S3B-PH
Light emitter side
1
1
3
2
3
VO
GND
VCC
g The dimensions marked 5 are
described the dimensions of
lens center position.
g Unspecified tolerance :
±0.3mm
Terminal connection
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/


Similar Part No. - GP2D15

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D150A SHARP-GP2D150A Datasheet
47Kb / 4P
General Purpose Distance Measuring Sensor
GP2D150A SHARP-GP2D150A Datasheet
266Kb / 9P
Factory set trigger point: 15째
GP2D150AJ00F SHARP-GP2D150AJ00F Datasheet
266Kb / 9P
Factory set trigger point: 15째
More results

Similar Description - GP2D15

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D120 SHARP-GP2D120 Datasheet
414Kb / 10P
DISTANCE MEASURING SENSOR
GP2Y0D340K SHARP-GP2Y0D340K Datasheet
36Kb / 4P
Compact Distance Measuring Sensors
GP2Y0A21YK SHARP-GP2Y0A21YK Datasheet
71Kb / 4P
General Purpose Type Distance Measuring Sensors
GP2Y0A710K0F SHARP-GP2Y0A710K0F Datasheet
343Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 100 to 550 cm Analog output type
GP2D150A SHARP-GP2D150A Datasheet
47Kb / 4P
General Purpose Distance Measuring Sensor
GP2Y0A02YK0F SHARP-GP2Y0A02YK0F Datasheet
696Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm Analog output type
GP2Y0A21YK0F SHARP-GP2Y0A21YK0F Datasheet
374Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 10 to 80 cm Analog output type
GP2Y3A001K0F SHARP-GP2Y3A001K0F_06 Datasheet
416Kb / 9P
Wide angle Distance Measuring Sensor Unit Measuring distance: 4 to 30 cm 5 Analog outputs type
GP2Y3A002K0F SHARP-GP2Y3A002K0F_06 Datasheet
435Kb / 9P
Wide angle Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm 5 Analog outputs type
GP2Y0A41SK0F SHARP-GP2Y0A41SK0F_V01 Datasheet
864Kb / 9P
Distance Measuring Sensor Unit Measuring distance : 4 to 30 cm Analog output type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com