Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0710 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL0710
Description  40 ns Prop. Delay, SO-8 Optocoupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0710 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL0710 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL0710 Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-417
Electrical Specifications
Unless otherwise noted, all specifications are guaranteed across recommended operating conditions. All
Typical specifications are at TA = +25°C, VDD1 = VDD2 = +5 V. Test conditions that are not specified can be
anywhere within the recommended operating range.
Parameter
Symbol
Min.
Typ.
Max. Units
Test Conditions
DC Specifications
Logic Low Input Supply Current
IDDIL
1.5
3.0
mA
VDD1 = 5.5 V, VI = 0 V
Logic High Input Supply Current
IDDIH
6.0
10.0
mA
VDD1 = 5.5 V, VI = VDDI
Input Supply Current
IDDI
13.0
mA
VDD1 = 5.5 V
Output Supply Current
IDD2
5.5
10.0
mA
VDD2 = 5.5 V
Input Current
II
-10
10
µA
Logic High Output Voltage
VOH
VDD2 - 0.1
VDD2
VIO = -20 µA, VI = VIH
0.8 *VDD2
4.5
IO = -4 mA, VI = VIH
Logic Low Output Voltage
VOL
0
0.1
V
IO = 20 µA, VI = VIL
0.2
0.8
IO = 4 mA, VI = VIL
Switching Specifications
Propagation Delay Time to
tPHL
20
40
ns
CL = 15 pF
Logic Low Output
CMOS Signal Levels
Propagation Delay Time to
tPLH
23
40
Logic High Output
Pulse Width
PW
80
Data Rate
12.5
MBd
Pulse Width Distortion
PWD
3
8
ns
CL = 15 pF
|tPHL - tPLH|
CMOS Signal Levels
Propagation Delay Skew
tPSK
20
Output Rise Time
tR
13
CL = 15 pF
(10 - 90%)
CMOS Signal Levels
Output Fall Time
tF
5
(90 - 10%)
Common Mode Transient
|CMH|
10
20
kV/
µsV
I = VDDI, VO >
Immunity at Logic High Output
0.8 VDDI, VCM = 1000 V
Common Mode Transient
|CML|10
20
VI = 0 V, VO > 0.8 V,
Immunity at Logic Low Output
VCM = 1000 V
Input Dynamic Power
CPD1
60
pF
Dissipation Capacitance
Output Dynamic Power
CPD2
10
Dissipation Capacitance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com