Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0710 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL0710
Description  40 ns Prop. Delay, SO-8 Optocoupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0710 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL0710 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL0710 Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-416
8
7
6
1
3
SHIELD
5
2
4
VDD1
VI
*
GND1
VDD2
VO
GND2
VI, INPUT
VI, OUTPUT
H
L
H
L
TRUTH TABLE
H
40 ns Prop. Delay,
SO-8 Optocoupler
Preliminary Technical Data
Features
• +5 V CMOS Compatibility
• 8 ns Pulse Width Distortion
• High Speed: 12 Mbd
• 10 kV/
µs Minimum Common
Mode Rejection
• Industrial Temperature
Range: 0
°C to 85°C
• Safety and Regulatory
Approvals
UL Recognized 2500 V rms for
1 min. per UL 1577
CSA Component Acceptance
Notice #5
Applications
• Digital Fieldbus Isolation:
DeviceNet, SDS, PROFIBUS
• Multiplexed Data
Transmission
• Computer Peripheral
Interface
• Microprocessor System
Interface
Description
Available in the SO-8 package
style, the HCPL-0710 optocoupler
utilizes the latest CMOS IC
technology to achieve outstanding
performance with very low power
consumption. The HCPL-0710
requires only two bypass
capacitors for complete CMOS
compatibility.
Basic building blocks of the
HCPL-0710 are a CMOS LED
driver IC and a CMOS detector
IC. A CMOS logic input signal
controls the LED driver IC which
supplies current to the LED.
The detector IC incorporates an
integrated photodiode, a high-
speed transimpedance amplifier,
and a voltage comparator with an
output driver.
HCPL-0710
Functional Diagram
*Pin 3 is the anode of the internal LED and must be left unconnected for guaranteed data sheet performance.
Pin 7 is not connected internally. External connections to pin 7 are not recommended.
**A 0.1
µF bypass capacitor must be connected between pins 1 and 4, and 5 and 8.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component
to prevent damage and/or degradation which may be induced by ESD.
This data sheet represents the latest information at the time of publication of this catalog. All specifications
subject to change. Samples available Fall 1996.


Similar Part No. - HCPL0710

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
logo
ON Semiconductor
HCPL0700 ONSEMI-HCPL0700 Datasheet
622Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
April 2009 Rev. 1.0.1
logo
Fairchild Semiconductor
HCPL0700R2 FAIRCHILD-HCPL0700R2 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
logo
ON Semiconductor
HCPL0700R2 ONSEMI-HCPL0700R2 Datasheet
622Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
April 2009 Rev. 1.0.1
logo
Fairchild Semiconductor
HCPL0700R2V FAIRCHILD-HCPL0700R2V Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
More results

Similar Description - HCPL0710

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0710 HP-HCPL-0710 Datasheet
286Kb / 16P
40 ns Prop. Delay, SO-8 Optocoupler
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
40-ns Propagation Delay, CMOS Optocoupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com