Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14C232E/883 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C232E/883
Description  Low Power 5V Powered TIA/EIA-232 Dual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C232E/883 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS14C232E/883 Datasheet HTML 1Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 2Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 3Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 4Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 5Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 6Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 7Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 8Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Switching Characteristics
Over recommended operating conditions, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER CHARACTERISTICS
t
PLH
Propagation Delay Low to
High
R
L = 3kΩ
C
L = 50 pF
Figure 1
and
Figure 2
1.0
4.0
µs
t
PHL
Propagation Delay High to
Low
1.0
4.0
µs
t
SK
Skew |t
PLH −tPHL|
0.1
1.0
µs
SR1
Output Slew Rate
R
L = 3kΩ to7kΩ,CL =
50 pF
(Note 7)
4.0
30
V/µs
SR2
Output Slew Rate
R
L = 3kΩ,CL = 2500 pF
4.5
V/µs
RECEIVER CHARACTERISTICS
t
PLH
Propagation Delay Low to
High
Input Pulse Width > 10 µs
2.9
6.5
µs
t
PHL
Propagation Delay High to
Low
C
L = 50 pF
2.5
6.5
µs
t
SK
Skew |t
PLH −tPHL|(Figures 3, 4)
0.4
2.0
µs
t
nw
Noise Pulse Width
Rejected
(
Figures 3, 4)
0.7
0.5
µs
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground unless otherwise speci-
fied.
Note 3: IOS+ and IOS− values are for one output at a time. If more than one output is shorted simultaneously, the device power dissipation may be exceeded.
Note 4: Receiver AC input waveform for test purposes: tr = tf = 200 ns, VIH = 3V, VIL = −3V, f = 30 kHz.
Note 5: All typicals are given for VCC = 5.0V.
Note 6: Ratings apply to ambient temperature at +25˚C. Above this temperature derate: N Package 15.6 mW/˚C, and M Package 10.6 mW/˚C.
Note 7: Slew rate is defined as
∆V/∆t, measured between ±3V level.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com