Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14C232E/883 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C232E/883
Description  Low Power 5V Powered TIA/EIA-232 Dual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C232E/883 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS14C232E/883 Datasheet HTML 1Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 2Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 3Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 4Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 5Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 6Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 7Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 8Page - National Semiconductor (TI) DS14C232E/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Switching Characteristics (Continued)
Note 8: Ratings apply to ambient temperature at +25˚C. Above this temperature derate: J Package 12.2 mW/˚C and E Package 13.3 mW/˚C.
Connection Diagrams
Parameter Measurement Information
J Package
16-Lead Dual-In-line Package
DS010744-1
E Package
20-Lead Ceramic Leadless Chip Carrier
DS010744-10
For Complete Military Product Specifications
See MDS or SMD.
Order Number DS14C232J/883 or DS14C232E/883
See NS Package Number E20A or J16A
DS010744-3
FIGURE 1. Driver Load Circuit
DS010744-4
FIGURE 2. Driver Switching Waveform
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com