Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G79DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G79DBVT
Description  Single Positive-Edge-Triggered D-Type Flip-Flop
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G79DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G79DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G79DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G79DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G79DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G79DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G79DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G79DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G79DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G79DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
5
1
V
CC
D
2
CLK
3
4
GND
Q
DRL PACKAGE
(TOP VIEW)
2
CLK
V
CC
5
1
D
3
4
GND
GND
Q
DCK PACKAGE
(TOP VIEW)
2
CLK
3
4
GND
V
CC
5
D
Q
1
YZP PACKAGE
(BOTTOM VIEW)
2
CLK
V
CC
1 5
D
GND
4
3
Q
SN74LVC1G79
www.ti.com
SCES220T – APRIL 1999 – REVISED DECEMBER 2013
Single Positive-Edge-Triggered D-Type Flip-Flop
Check for Samples: SN74LVC1G79
1
FEATURES
DESCRIPTION
This single positive-edge-triggered D-type flip-flop is
2
•
Available in the Texas Instruments NanoFree™
designed for 1.65-V to 5.5-V VCC operation.
Package
When data at the data (D) input meets the setup time
•
Supports 5-V VCC Operation
requirement, the data is transferred to the Q output
•
Inputs Accept Voltages to 5.5 V
on the positive-going edge of the clock pulse. Clock
•
Supports Down Translation to VCC
triggering occurs at a voltage level and is not directly
related to the rise time of the clock pulse. Following
•
Max tpd of 4 ns at 3.3 V
the hold-time interval, data at the D input can be
•
Low Power Consumption, 10-µA Max ICC
changed without affecting the level at the output.
•
±24-mA Output Drive at 3.3 V
NanoFree™
package
technology
is
a
major
•
Ioff Supports Live Insertion, Partial-Power-
breakthrough in IC packaging concepts, using the die
Down Mode, and Back-Drive Protection
as the package.
•
Latch-Up Performance Exceeds 100 mA Per
This device is fully specified for partial-power-down
JESD 78, Class II
applications using Ioff. The Ioff circuitry disables the
•
ESD Protection Exceeds JESD 22
outputs,
preventing
damaging
current
backflow
–
2000-V Human-Body Model (A114-A)
through the device when it is powered down.
–
200-V Machine Model (A115-A)
–
1000-V Charged-Device Model (C101)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G79DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G79DBVT TI-SN74LVC1G79DBVT Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G79DBVT TI2-SN74LVC1G79DBVT Datasheet
1Mb / 32P
SN74LVC1G79 Single Positive-Edge-Triggered D-Type Flip-Flop
REVISED APRIL 2017
SN74LVC1G79DBVT.B TI2-SN74LVC1G79DBVT.B Datasheet
1Mb / 32P
SN74LVC1G79 Single Positive-Edge-Triggered D-Type Flip-Flop
REVISED APRIL 2017
SN74LVC1G79DBVTE4 TI-SN74LVC1G79DBVTE4 Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G79DBVTG4 TI2-SN74LVC1G79DBVTG4 Datasheet
1Mb / 32P
SN74LVC1G79 Single Positive-Edge-Triggered D-Type Flip-Flop
REVISED APRIL 2017
More results

Similar Description - SN74LVC1G79DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
Apr-2004
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
2001-Jul
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
Single Positive Edge-triggered D-type Flip Flop
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
Single Positive-Edge-Triggered D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com