Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39006/09 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M39006/09
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/09 Datasheet(HTML) 1 Page - Vishay Siliconix

  M39006/09 Datasheet HTML 1Page - Vishay Siliconix M39006/09 Datasheet HTML 2Page - Vishay Siliconix M39006/09 Datasheet HTML 3Page - Vishay Siliconix M39006/09 Datasheet HTML 4Page - Vishay Siliconix M39006/09 Datasheet HTML 5Page - Vishay Siliconix M39006/09 Datasheet HTML 6Page - Vishay Siliconix M39006/09 Datasheet HTML 7Page - Vishay Siliconix M39006/09 Datasheet HTML 8Page - Vishay Siliconix M39006/09 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Document Number: 40022
Revision 13-Oct-03
www.vishay.com
10
M39006/09/21/22/25/30/31
Vishay
For technical questions, contact wettants@vishay.com
MILITARY SPECIFICATION MIL-PRF-39006 ORDERING INFORMATION
0660
DASH NUMBER
22
DETAIL SPECIFICATION
NUMBER
M39006
BASIC DOCUMENT NUMBER
Note: The material in this section has been abstracted from MIL-PRF-39006/09/22/25/30/31.
failure rate levels of 2%, 1%, 0.1%, and 0.01%. When
ordering these parts, care must be exercised that the correct
part number expressing the appropriate failure level be
specified.
Each order for Military Style capacitors requiring government
inspection must state whether inspection is to be at the
destination or at the Vishay Sprague plant. Orders requiring
source inspection cannot be shipped until this has been
accomplished.
FEATURES
• Hermetically sealed.
• Metal cased.
• Axial lead.
• Tubular.
SPECIFICATIONS
Style CLR65, M39006/09
Style CLR69, M39006/21
Style CLR79, M39006/22
Style CLR81, M39006/25
Style CLR90, M39006/30
Style CLR91, M39006/31
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
Taken from Standard/
Extended Ratings
Tables.
Indicates the Detail
Specification of the Basic
Military Specification.
Indicates the Basic
Specification; in this case
MIL-PRF-39006.
Established Reliability Tantalum Capacitors to Military
Specification MIL-PRF-39006: In accordance with the
Military Specification, MIL-PRF-39006 all capacitors are
marked with the Military Part Number (M39006/xx-xxxx)
rather than the older Style designation (CLRxxxxxxxx) and
should be ordered as such.
For information on the performance characteristics of these
capacitors, please refer to the latest issue of the Military
Specification. MIL-PRF-39006 establishes 1000 hour


Similar Part No. - M39006/09

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
M39006 AVX-M39006 Datasheet
161Kb / 10P
MIL-PRF-39006 Series Military Conventional Wet Tantalum
logo
Vishay Siliconix
M39006-22 VISHAY-M39006-22 Datasheet
146Kb / 11P
Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
28-Aug-12
M39006-25 VISHAY-M39006-25 Datasheet
146Kb / 11P
Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
28-Aug-12
M3900622 VISHAY-M3900622 Datasheet
146Kb / 11P
Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
28-Aug-12
M3900622-0441H VISHAY-M3900622-0441H Datasheet
146Kb / 11P
Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
28-Aug-12
More results

Similar Description - M39006/09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
19-Nov-12
logo
AVX Corporation
M39006 AVX-M39006 Datasheet
161Kb / 10P
MIL-PRF-39006 Series Military Conventional Wet Tantalum
logo
Vishay Siliconix
300074 VISHAY-300074 Datasheet
146Kb / 11P
Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
28-Aug-12
ERL VISHAY-ERL Datasheet
151Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
19-Nov-12
M3900622-0557 VISHAY-M3900622-0557 Datasheet
146Kb / 11P
Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
28-Aug-12
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
21-Sep-12
M3900622 VISHAY-M3900622 Datasheet
146Kb / 11P
Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
28-Aug-12
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
19-Nov-12
M3900633 VISHAY-M3900633 Datasheet
90Kb / 7P
Wet Tantalum Capacitors, Extended Capacitance, Military Established Reliability Military MIL-PRF-M39006/33 Qualified, Style CLR93
12-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com