Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39006/09 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # M39006/09
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/09 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button M39006/09 Datasheet HTML 9Page - Vishay Siliconix M39006/09 Datasheet HTML 10Page - Vishay Siliconix M39006/09 Datasheet HTML 11Page - Vishay Siliconix M39006/09 Datasheet HTML 12Page - Vishay Siliconix M39006/09 Datasheet HTML 13Page - Vishay Siliconix M39006/09 Datasheet HTML 14Page - Vishay Siliconix M39006/09 Datasheet HTML 15Page - Vishay Siliconix M39006/09 Datasheet HTML 16Page - Vishay Siliconix M39006/09 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Document Number: 40022
Revision 13-Oct-03
www.vishay.com
22
M39006/09/21/22/25/30/31
Vishay
For technical questions, contact wettants@vishay.com
125 WVDC at + 85
°C . . . 85 WVDC at + 125°C
STANDARD/EXTENDED RATINGS: CLR79, M39006/22-XXXX
Max. CAPACITANCE
CHANGE (%) at
Max.**
RIPPLE
CURRENT
at + 85
°C
40kHz
+ 125
°C
+ 85
°C
- 55
°C
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 85
°C
+ 125
°C
+ 25
°C
CAP.
TOL.
(
± %)
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA)
at
PART NO. M39006/22-*
FAILURE RATE LEVEL
(%/1000 HR)
R
0.01
M
1.0
P
0.1
1.7
1.7
1.7
3.6
3.6
3.6
9.0
9.0
9.0
14.0
14.0
14.0
18.0
18.0
18.0
25.0
25.0
25.0
56.0
56.0
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
0201
0202
0203
0204
0205
0206
0207
0208
0209
0210
0211
0212
0213
0214
0215
0216
0217
0218
0219
0220
0641
0642
0643
0644
0645
0646
0647
0648
0649
0650
0651
0652
0653
0654
0655
0656
0657
0658
0659
0660
0421
0422
0423
0424
0425
0426
0427
0428
0429
0430
0431
0432
0433
0434
0435
0436
0437
0438
0439
0440
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
10.0
10.0
2.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
5.0
7.0
7.0
7.0
9.0
9.0
9.0
13.0
13.0
13.0
40.0
40.0
2
2
2
2.7
2.7
2.7
5
5
5
6
6
6
5
5
5
6
6
6
6.5
6.5
415
415
415
520
520
520
755
755
755
860
860
860
1130
1130
1130
1200
1200
1200
1800
1800
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 15
+ 15
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 15
+ 15
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 25
- 25
1250
1250
1250
600
600
600
240
240
240
167
167
167
129
129
129
93
93
93
32
32
* Dash number will include the letter "H" to indicate the optional vibration and shock requirements (i.e., 51 g's random vibration, 80 g's
sinusoidal vibration and 500 g's shock).
** For ripple current limits at various temperatures, voltages and frequencies, see Ripple Current Table.
Max. CAPACITANCE
CHANGE (%) at
Max.**
RIPPLE
CURRENT
at + 85
°C
40kHz
+ 125
°C
+ 85
°C
- 55
°C
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 85
°C
+ 125
°C
+ 25
°C
CAP.
TOL.
(
± %)
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA)
at
R
0.01
M
1.0
P
0.1
PART NO. M39006/25-*
FAILURE RATE LEVEL
(%/1000 HR)
STANDARD/EXTENDED RATINGS: CLR81, M39006/25-XXXX
6 WVDC at + 85
°C . . . 4 WVDC at + 125°C
8 WVDC at + 85
°C . . . 5 WVDC at + 125°C
0185
0186
0187
0188
0189
0190
0191
0192
0097
0098
0099
0100
0101
0102
0103
0104
0009
0010
0011
0012
0013
0014
0015
0016
220.0
220.0
820.0
820.0
1500.0
1500.0
2200.0
2200.0
20
10
20
10
20
10
20
10
0001
0002
0003
0004
0005
0006
0007
0008
T1
T1
T2
T2
T3
T3
T4
T4
50
50
155
155
172
172
170
170
9.0
9.0
14.0
14.0
20.0
20.0
24.0
24.0
2.0
2.0
3.0
3.0
5.0
5.0
6.0
6.0
0089
0090
0091
0092
0093
0094
0095
0096
0177
0178
0179
0180
0181
0182
0183
0184
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 30
+ 30
1000
1000
1500
1500
1900
1900
2300
2300
+ 13
+ 13
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
- 64
- 64
- 88
- 88
- 90
- 90
- 90
- 90
36
36
18
18
18
18
13
13
20
10
20
10
20
10
20
10
T1
T1
T2
T2
T3
T3
T4
T4
180.0
180.0
680.0
680.0
1500.0
1500.0
1800.0
1800.0
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 30
+ 30
+ 13
+ 13
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
45
45
22
22
18
18
14
14
- 60
- 60
- 83
- 83
- 90
- 90
- 90
- 90
41
41
130
130
170
170
138
138
9.0
9.0
14.0
14.0
20.0
20.0
25.0
25.0
2.0
2.0
3.0
3.0
5.0
5.0
7.0
7.0
1000
1000
1500
1500
1900
1900
2300
2300
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com