Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39006/22 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # M39006/22
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/22 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button M39006/22 Datasheet HTML 3Page - Vishay Siliconix M39006/22 Datasheet HTML 4Page - Vishay Siliconix M39006/22 Datasheet HTML 5Page - Vishay Siliconix M39006/22 Datasheet HTML 6Page - Vishay Siliconix M39006/22 Datasheet HTML 7Page - Vishay Siliconix M39006/22 Datasheet HTML 8Page - Vishay Siliconix M39006/22 Datasheet HTML 9Page - Vishay Siliconix M39006/22 Datasheet HTML 10Page - Vishay Siliconix M39006/22 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Document Number: 40022
Revision 13-Oct-03
www.vishay.com
16
M39006/09/21/22/25/30/31
Vishay
For technical questions, contact wettants@vishay.com
6 WVDC at + 85
°C . . . 4 WVDC at + 125°C
STANDARD/EXTENDED RATINGS: CLR69*, M39006/21-XXXX
Max. CAPACITANCE
CHANGE (%) at
+ 125
°C
+ 85
°C
- 55
°C
R
0.01
M
1.0
CAPACITANCE
(
µF)
CASE
CODE
Max. DCL (
µA) at
+ 25
°C
P
0.1
PART NO. M39006/21-
FAILURE RATE LEVEL (%/1000 HR)
CAP.
TOL.
(
± %)
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 85
°C
+ 125
°C
L
2.0
220.0
220.0
820.0
820.0
1500.0
1500.0
2200.0
2200.0
0177
0178
0179
0180
0181
0182
0183
0184
20
10
20
10
20
10
20
10
0265
0266
0267
0268
0269
0270
0271
0272
0001
0002
0003
0004
0005
0006
0007
0008
0089
0090
0091
0092
0093
0094
0095
0096
T1
T1
T2
T2
T3
T3
T4
T4
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 30
+ 30
2.0
2.0
3.0
3.0
5.0
5.0
6.0
6.0
9.0
9.0
14.0
14.0
20.0
20.0
24.0
24.0
50
50
155
155
172
172
170
170
- 64
- 64
- 88
- 88
- 90
- 90
- 90
- 90
36
36
18
18
18
18
13
13
+ 13
+ 13
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
* Style CLR69 is inactive for new military design. For new design use Style CLR81.
180.0
180.0
680.0
680.0
1500.0
1500.0
1800.0
1800.0
100.0
100.0
390.0
390.0
820.0
820.0
1000.0
1000.0
68.0
68.0
270.0
270.0
560.0
560.0
680.0
680.0
56.0
56.0
220.0
220.0
470.0
470.0
560.0
560.0
0009
0010
0011
0012
0013
0014
0015
0016
T1
T1
T2
T2
T3
T3
T4
T4
20
10
20
10
20
10
20
10
0097
0098
0099
0100
0101
0102
0103
0104
0185
0186
0187
0188
0189
0190
0191
0192
2.0
2.0
3.0
3.0
5.0
5.0
7.0
7.0
0273
0274
0275
0276
0277
0278
0279
0280
9.0
9.0
14.0
14.0
20.0
20.0
25.0
25.0
41
41
130
130
170
170
138
138
45
45
22
22
18
18
14
14
- 60
- 60
- 83
- 83
- 90
- 90
- 90
- 90
+ 13
+ 13
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 30
+ 30
- 55
- 55
- 77
- 77
- 88
- 88
- 88
- 88
+ 13
+ 13
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 30
+ 30
34
34
106
106
137
137
114
114
54
54
27
27
18
18
15
15
- 44
- 44
- 66
- 66
- 77
- 77
- 77
- 77
+ 13
+ 13
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 30
+ 30
30
30
74
74
111
111
92
92
72
72
31
31
22
22
17
17
0193
0194
0195
0196
0197
0198
0199
0200
0105
0106
0107
0108
0109
0110
0111
0112
0017
0018
0019
0020
0021
0022
0023
0024
9.0
9.0
16.0
16.0
20.0
20.0
25.0
25.0
0281
0282
0283
0284
0285
0286
0287
0288
2.0
2.0
3.0
3.0
5.0
5.0
7.0
7.0
0289
0290
0291
0292
0293
0294
0295
0296
2.0
2.0
3.0
3.0
6.0
6.0
8.0
8.0
0025
0026
0027
0028
0029
0030
0031
0032
0113
0114
0115
0116
0117
0118
0119
0120
0201
0202
0203
0204
0205
0206
0207
0208
9.0
9.0
16.0
16.0
24.0
24.0
32.0
32.0
150.0
150.0
560.0
560.0
1200.0
1200.0
1500.0
1500.0
20
10
20
10
20
10
20
10
T1
T1
T2
T2
T3
T3
T4
T4
T1
T1
T2
T2
T3
T3
T4
T4
20
10
20
10
20
10
20
10
0209
0210
0211
0212
0213
0214
0215
0216
0121
0122
0123
0124
0125
0126
0127
0128
0033
0034
0035
0036
0037
0038
0039
0040
20
10
20
10
20
10
20
10
T1
T1
T2
T2
T3
T3
T4
T4
0041
0042
0043
0044
0045
0046
0047
0048
T1
T1
T2
T2
T3
T3
T4
T4
20
10
20
10
20
10
20
10
0129
0130
0131
0132
0133
0134
0135
0136
0217
0218
0219
0220
0221
0222
0223
0224
2.0
2.0
3.0
3.0
7.0
7.0
8.0
8.0
0297
0298
0299
0300
0301
0302
0303
0304
90
90
33
33
24
24
19
19
22
22
55
55
76
76
63
63
9.0
9.0
16.0
16.0
28.0
28.0
32.0
32.0
0305
0306
0307
0308
0309
0310
0311
0312
2.0
2.0
3.0
3.0
8.0
8.0
9.0
9.0
9.0
9.0
16.0
16.0
32.0
32.0
36.0
36.0
22
22
42
42
64
64
55
55
100
100
36
36
25
25
20
20
+ 12
+ 12
+ 13
+ 13
+ 20
+ 20
+ 25
+ 25
+ 15
+ 15
+ 16
+ 16
+ 25
+ 25
+ 30
+ 30
- 40
- 40
- 62
- 62
- 72
- 72
- 72
- 72
- 38
- 38
- 60
- 60
- 65
- 65
- 65
- 65
+ 12
+ 12
+ 13
+ 13
+ 20
+ 20
+ 25
+ 25
+ 15
+ 15
+ 16
+ 16
+ 25
+ 25
+ 30
+ 30
8 WVDC at + 85
°C . . . 5 WVDC at + 125°C
10 WVDC at + 85
°C . . . 7 WVDC at + 125°C
15 WVDC at + 85
°C . . . 10 WVDC at + 125°C
25 WVDC at + 85
°C . . . 15 WVDC at + 125°C
30 WVDC at + 85
°C . . . 20 WVDC at + 125°C
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com