Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39006/22 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # M39006/22
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/22 Datasheet(HTML) 3 Page - Vishay Siliconix

  M39006/22 Datasheet HTML 1Page - Vishay Siliconix M39006/22 Datasheet HTML 2Page - Vishay Siliconix M39006/22 Datasheet HTML 3Page - Vishay Siliconix M39006/22 Datasheet HTML 4Page - Vishay Siliconix M39006/22 Datasheet HTML 5Page - Vishay Siliconix M39006/22 Datasheet HTML 6Page - Vishay Siliconix M39006/22 Datasheet HTML 7Page - Vishay Siliconix M39006/22 Datasheet HTML 8Page - Vishay Siliconix M39006/22 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Document Number: 40022
Revision 13-Oct-03
www.vishay.com
12
M39006/09/21/22/25/30/31
Vishay
For technical questions, contact wettants@vishay.com
STANDARD/EXTENDED RATINGS: CLR65*, M39006/09-XXXX
6 WVDC at + 85
°C . . . 4 WVDC at + 125°C
Max. CAPACITANCE
CHANGE (%) at
+ 125
°C
+ 85
°C
- 55
°C
R
0.01
M
1.0
CAPACITANCE
(
µF)
CASE
CODE
CAP.
TOL.
(
± %)
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 85
°C
+ 125
°C
Max. DCL (
µA)
at
+ 25
°C
PART NO. M39006/09-
FAILURE RATE LEVEL (%/1000 HR)
P
0.1
L
2.0
30.0
30.0
30.0
68.0
68.0
68.0
140.0
140.0
140.0
270.0
270.0
270.0
330.0
330.0
330.0
560.0
560.0
560.0
1200.0
1200.0
+ 12
+ 12
+ 12
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 20
+ 20
+ 20
+ 16
+ 16
+ 16
+ 20
+ 20
+ 20
+ 25
+ 25
+ 10.5
+ 10.5
+ 10.5
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 14
+ 14
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 25
+ 25
- 40
- 40
- 40
- 40
- 40
- 40
- 40
- 40
- 40
- 44
- 44
- 44
- 44
- 44
- 44
- 64
- 64
- 64
- 80
- 80
100
100
100
60
60
60
40
40
40
25
25
25
20
20
20
25
25
25
20
20
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
3.0
3.0
8616
8617
8618
8619
8620
8621
8622
8623
8624
8625
8626
8627
8628
8629
8630
8631
8632
8633
8634
8635
8001
8002
8003
8004
8005
8006
8007
8008
8009
8010
8011
8012
8013
8014
8015
8016
8017
8018
8019
8020
8411
8412
8413
8414
8415
8416
8417
8418
8419
8420
8421
8422
8423
8424
8425
8426
8427
8428
8429
8430
8206
8207
8208
8209
8210
8211
8212
8213
8214
8215
8216
8217
8218
8219
8220
8221
8222
8223
8224
8225
9.1
9.1
9.1
20.4
20.4
20.4
21.3
21.3
21.3
81.8
81.8
81.8
49.6
49.6
49.6
128.0
128.0
128.0
144.4
144.4
2.0
2.0
2.0
2.0
2.0
2.0
3.0
3.0
3.0
6.5
6.5
6.5
7.9
7.9
7.9
13.0
13.0
13.0
14.0
14.0
* Style CLR65 is inactive for new military design. For new design use Style CLR79.
25.0
25.0
25.0
56.0
56.0
56.0
220.0
220.0
220.0
430.0
430.0
430.0
850.0
850.0
20.0
20.0
20.0
47.0
47.0
47.0
100.0
100.0
100.0
180.0
180.0
180.0
250.0
250.0
250.0
390.0
390.0
390.0
750.0
750.0
8021
8022
8023
8024
8025
8026
8027
8028
8029
8030
8031
8032
8033
8034
8226
8227
8228
8229
8230
8231
8232
8233
8234
8235
8236
8237
8238
8239
20
10
5
20
10
5
20
10
5
20
10
5
20
10
T1
T1
T1
T1
T1
T1
T2
T2
T2
T3
T3
T3
T4
T4
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
4.0
4.0
8636
8637
8638
8639
8640
8641
8642
8643
8644
8645
8646
8647
8648
8649
8431
8432
8433
8434
8435
8436
8437
8438
8439
8440
8441
8442
8443
8444
2.0
2.0
2.0
2.0
2.0
2.0
7.0
7.0
7.0
14.0
14.0
14.0
16.0
16.0
+ 12
+ 12
+ 12
+ 16
+ 16
+ 16
+ 20
+ 20
+ 20
+ 20
+ 20
+ 20
+ 25
+ 25
+ 10.5
+ 10.5
+ 10.5
+ 14
+ 14
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 17.5
+ 17.5
+ 17.5
+ 25
+ 25
- 40
- 40
- 40
- 40
- 40
- 40
- 44
- 44
- 44
- 64
- 64
- 64
- 80
- 80
100
100
100
59
59
59
30
30
30
25
25
25
22
22
7.6
7.6
7.6
17.0
17.0
17.0
66.4
66.4
66.4
91.5
91.5
91.5
65.8
65.8
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
8035
8036
8037
8038
8039
8040
8041
8042
8043
8044
8045
8046
8047
8048
8049
8050
8051
8052
8053
8054
8240
8241
8242
8243
8244
8245
8246
8247
8248
8249
8250
8251
8252
8253
8254
8255
8256
8257
8258
8259
8445
8446
8447
8448
8449
8450
8451
8452
8453
8454
8455
8456
8457
8458
8459
8460
8461
8462
8463
8464
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
4.0
4.0
8650
8651
8652
8653
8654
8655
8656
8657
8658
8659
8660
8661
8662
8663
8664
8665
8666
8667
8668
8669
2.0
2.0
2.0
2.0
2.0
2.0
4.0
4.0
4.0
7.0
7.0
7.0
10.0
10.0
10.0
16.0
16.0
16.0
16.0
16.0
6.1
6.1
6.1
18.1
18.1
18.1
15.2
15.2
15.2
54.4
54.4
54.4
37.8
37.8
37.8
87.6
87.6
87.6
56.5
56.5
175
175
175
100
100
100
60
60
60
40
40
40
30
30
30
25
25
25
23
23
- 32
- 32
- 32
- 36
- 36
- 36
- 36
- 36
- 36
- 36
- 36
- 36
- 40
- 40
- 40
- 64
- 64
- 64
- 80
- 80
+ 10.5
+ 10.5
+ 10.5
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 25
+ 25
+ 12
+ 12
+ 12
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 20
+ 20
+ 20
+ 25
+ 25
8 WVDC at + 85
°C . . . 5 WVDC at + 125°C
10 WVDC at + 85
°C . . . 7 WVDC at + 125°C
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com