Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2551I/P Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2551I/P
Description  High-Speed CAN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2551I/P Datasheet(HTML) 4 Page - Microchip Technology

  MCP2551I/P Datasheet HTML 1Page - Microchip Technology MCP2551I/P Datasheet HTML 2Page - Microchip Technology MCP2551I/P Datasheet HTML 3Page - Microchip Technology MCP2551I/P Datasheet HTML 4Page - Microchip Technology MCP2551I/P Datasheet HTML 5Page - Microchip Technology MCP2551I/P Datasheet HTML 6Page - Microchip Technology MCP2551I/P Datasheet HTML 7Page - Microchip Technology MCP2551I/P Datasheet HTML 8Page - Microchip Technology MCP2551I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MCP2551
DS21667C-page 4
Preliminary
 2002 Microchip Technology Inc.
TABLE 1-1:
MODES OF OPERATION
TABLE 1-2:
TRANSCEIVER TRUTH TABLE
FIGURE 1-1:
SLEW RATE VS. SLOPE-CONTROL RESISTANCE VALUE
Mode
Current at Rs Pin
Resulting Voltage at RS Pin
Standby
-IRS < 10 µA
VRS > 0.75VDD
Slope-Control
10 µA < -IRS < 200 µA
0.4VDD < VRS < 0.6VDD
High-Speed
-IRS < 610 µA
0 < VRS < 0.3VDD
VDD
VRS
TXD
CANH
CANL
Bus State(1)
RXD(1)
4.5V
≤ VDD ≤ 5.5V
VRS < 0.75VDD
0
HIGH
LOW
Dominant
0
1 or floating
Not Driven
Not Driven
Recessive
1
VRS > 0.75VDD
X
Not Driven
Not Driven
Recessive
1
VPOR < VDD < 4.5V
(See Note 3)
VRS < 0.75VDD
0
HIGH
LOW
Dominant
0
1 or floating
Not Driven
Not Driven
Recessive
1
VRS > 0.75VDD
X
Not Driven
Not Driven
Recessive
1
0 < VDD < VPOR
XX
Not Driven/
No Load
Not Driven/
No Load
High Impedance
X
Note 1: If another bus node is transmitting a dominant bit on the CAN bus, then RXD is a logic 0.
2: X = “don’t care”.
3: Device drivers will function, although outputs are not guaranteed to meet the ISO-11898 specification.
0
5
10
15
20
25
10 20 30 40 49 60 70 76 90 100 110 120
Resistance (k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com